Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FH28 Datasheet(PDF) 1 Page - Hirose Electric

Part # FH28
Description  0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH28 Datasheet(HTML) 1 Page - Hirose Electric

  FH28 Datasheet HTML 1Page - Hirose Electric FH28 Datasheet HTML 2Page - Hirose Electric FH28 Datasheet HTML 3Page - Hirose Electric FH28 Datasheet HTML 4Page - Hirose Electric FH28 Datasheet HTML 5Page - Hirose Electric FH28 Datasheet HTML 6Page - Hirose Electric FH28 Datasheet HTML 7Page - Hirose Electric FH28 Datasheet HTML 8Page - Hirose Electric FH28 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
0.5 mm Pitch, 2.55 mm above the board,
Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH28 Series
sFeatures
1. Precise FFC/FPC positionining
Large angle of the actuator opening and built-in side guides in the
connector allow straight and exact insertion of the FPC / FFC.
2. Rotating actuator
Proven rotating actuator system allows easy ZIF connection,
confirming it with a definite tactile feel. The contact securely
holds the actuator in place, providing reliable normal force.
The unique contact configuration assures that the connector
will remain dimensionally stable over the device’s life.
3. Strong FFC / FPC retention force
Horizontal direction FFC / FPC retention force : Increased
200% (as compared with FH12 series)(30 pos.)
4. Accepts standard FPC/FFC thickness
0.3mm thick standard Flexible Printed Circuit (FPC) and
Flexible Flat cable (FFC) can be used.
5. Conductive traces on the PCB can run under
the connector
No exposed contacts on the bottom of the connector.
6. Board placement with automatic equipment
Flat upper surface and tape and reel packaging facilitate
vacuum pick-up and placement.
Standard reel packaging contains 2,000 connectors.
7. Halogen-free *
*As defined by IEC61249-2-21
Br-900ppm maximum, Cl-900ppm maximum,
Cl + Br combined-1,500ppm maximum
8. Optional 500 piece reel packaging
Standard packaging is 2,000 pieces per reel; however, 500
piece reels are possible.
(Emboss reel external diameter is 330mm.)
Actuator color: Dark brown
2010.9
Hold in place by contacts
Hold in place by metal fittings
sOverview
Continuing market trends demand higher contact count
connectors while maintaining high electrical/mechanical
reliability, exact FPC/FFC positioning and durability.
FPC temporary hold protrusion
Support straight type FPC / FFC
Secure actuator lock and retention
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH28

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
FH2 GOOD-ARK-FH2 Datasheet
379Kb / 4P
   Surface Mount Glass Passivated High Efficiency Rectifier
logo
Sanyo Semicon Device
FH201 SANYO-FH201 Datasheet
75Kb / 8P
   VCO OSC Circuit Applications
FH202 SANYO-FH202 Datasheet
82Kb / 9P
   VCO OSC Circuit Applications
FH203 SANYO-FH203 Datasheet
66Kb / 9P
   VCO OSC Circuit Applications
logo
List of Unclassifed Man...
FH20C1 ETC2-FH20C1 Datasheet
32Kb / 1P
   1.3mm /1.1mm Ceramic Surface Mount Crystals
More results

Similar Description - FH28

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH43B HIROSE-FH43B Datasheet
1Mb / 12P
   0.2 MM PITCH, 0.9 MM ABOVE THE BOARD, FLEXIBLE PRINTED CIRCUIT ZIF CONNECTORS
FH34 HIROSE-FH34 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH34S-6S-0.5SH50 HIROSE-FH34S-6S-0.5SH50 Datasheet
300Kb / 12P
   0.5 mm Pitch, 1.0 mm above the board Top and Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH34S HIROSE-FH34S Datasheet
368Kb / 8P
   0.5 mm Pitch, 1.0 mm above the board Top and Top/Bottom Contact, Back-Flip actuator Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH19-4S-0.5SH HIROSE-FH19-4S-0.5SH Datasheet
338Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com