Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q48SK12025NNFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # Q48SK12025NNFA
Description  Delphi Series Q48SK, Quarter Brick Family DC/DC Power Modules: 36~75V in, 12V/25A out, 300W
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

Q48SK12025NNFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  Q48SK12025NNFA Datasheet HTML 1Page - Delta Electronics, Inc. Q48SK12025NNFA Datasheet HTML 2Page - Delta Electronics, Inc. Q48SK12025NNFA Datasheet HTML 3Page - Delta Electronics, Inc. Q48SK12025NNFA Datasheet HTML 4Page - Delta Electronics, Inc. Q48SK12025NNFA Datasheet HTML 5Page - Delta Electronics, Inc. Q48SK12025NNFA Datasheet HTML 6Page - Delta Electronics, Inc. Q48SK12025NNFA Datasheet HTML 7Page - Delta Electronics, Inc. Q48SK12025NNFA Datasheet HTML 8Page - Delta Electronics, Inc. Q48SK12025NNFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
DS_Q48SK12025_07012010
4
ELECTRICAL CHARACTERISTICS CURVES
For Negative Remote On/Off Logic
Figure 4: Turn-on transient at zero load current) (20ms/div).
Top Trace: Vout; 5V/div; Bottom Trace: ON/OFF input: 2V/div.
Figure 5: Turn-on transient at full rated load current (20
ms/div). Top Trace: Vout: 5V/div; Bottom Trace: ON/OFF input:
2V/div.
For Input Voltage Start up
Figure 6: Turn-on transient at zero load current (20 ms/div).
Top Trace: Vout; 5V/div; Bottom Trace: input voltage: 30V/div.
Figure 7: Turn-on transient at full rated load current (20
ms/div). Top Trace: Vout; 5V/div; Bottom Trace: input voltage:
30V/div.


Similar Part No. - Q48SK12025NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SK12025NNFA DELTA-Q48SK12025NNFA Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
More results

Similar Description - Q48SK12025NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q48SK12025 DELTA-Q48SK12025 Datasheet
353Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/25A out, 300W
Q48SE12025NRFA DELTA-Q48SE12025NRFA Datasheet
680Kb / 14P
   Delphi Series Q48SE, Quarter Brick Family DC/DC Power Modules 38~75V in, 11.8V/25A out, 300W
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
Q48SQ12033NRFH DELTA-Q48SQ12033NRFH Datasheet
657Kb / 13P
   Delphi Series Q48SQ, Quarter Brick Family DC/DC Power Modules 36~75V in, 12V/33A out, 400W
Q48SK12018 DELTA-Q48SK12018 Datasheet
333Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/18A out, 216W
Q48SK12033 DELTA-Q48SK12033 Datasheet
366Kb / 13P
   Quarter Brick Family DC/DC Power Modules:36~75V in, 12V/33A out, 400W
Q48SA52001NNFA DELTA-Q48SA52001NNFA Datasheet
372Kb / 12P
   Delphi Series Q48SA, 60W Quarter Brick Family DC/DC Power Modules: 36~75V in, 52V/1.15A out
Q48SA54001NNFH DELTA-Q48SA54001NNFH Datasheet
576Kb / 13P
   Delphi Series Q48SA, 80W Quarter Brick Family DC/DC Power Modules: 36~75V in, 54V/1.5A out
H48SA12025NNFA DELTA-H48SA12025NNFA Datasheet
508Kb / 14P
   Delphi Series H48SA, Half Brick Family DC/DC Power Modules: 48V in, 12V/25A out
S36SE12002PRFZ DELTA-S36SE12002PRFZ Datasheet
699Kb / 14P
   Delphi S36SE, 25W 1x1 Brick Series DC/DC Power Modules: 36~75V in, 12V/2A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com