Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3382H-1-103 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3382H-1-103
Description  12 mm Rotary Position Sensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3382H-1-103 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3382H-1-103 Datasheet HTML 1Page - Bourns Electronic Solutions 3382H-1-103 Datasheet HTML 2Page - Bourns Electronic Solutions 3382H-1-103 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3382 - 12 mm Rotary Position Sensor
Processing Information
Process Description
Materials
Temperature
Time Interval
1. Apply solder paste to test board
• Sn/Ag/Cu Alloy water
Room temperature
(8 - 10 mil thick)
soluble or no clean solder
paste
• Single sided epoxy glass
(G10) (UL approved)
• PC board approx. 4x4x.06 in.
2. Place test units onto board
6 units/board
3. Ramp up
Convection oven
2.5 °C ±0.5 °/second
4. Preheat
150 °C to 190 °C
90 ±30 seconds
5. Time above liquidus
220 °C
60-90 seconds
6. Peak temperature
260 °C +0 °/-5 °
10-20 sec. within 5 °C of peak
7. Ramp down
Room temperature
3 °C ±0.5 °C/second
300
255
220
190
150
0
0
50
100
150
TIME (SECONDS)
200
250


Similar Part No. - 3382H-1-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3382H-1-103G BOURNS-3382H-1-103G Datasheet
340Kb / 3P
   12 mm Rotary Position Sensor
More results

Similar Description - 3382H-1-103

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3382 BOURNS-3382_12 Datasheet
340Kb / 3P
   12 mm Rotary Position Sensor
logo
TT Electronics.
PHS04 TTELEC-PHS04 Datasheet
663Kb / 3P
   Rotary Position Sensor
logo
ams AG
AS5045 AMSCO-AS5045_V01 Datasheet
633Kb / 47P
   12-Bit Programmable Magnetic Rotary Position Sensor
2017-Jul-13
logo
TT Electronics.
PHS11 TTELEC-PHS11 Datasheet
439Kb / 3P
   Rotary Position Sensor
logo
Melexis Microelectronic...
MLX90340 MELEXIS-MLX90340 Datasheet
1Mb / 42P
   Absolute Rotary Position Sensor
MLX90366LVS-ADS MELEXIS-MLX90366LVS-ADS Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316 MELEXIS-MLX90316_13 Datasheet
887Kb / 45P
   Rotary Position Sensor IC
MLX90316KDC-BDG MELEXIS-MLX90316KDC-BDG Datasheet
887Kb / 45P
   Rotary Position Sensor IC
logo
List of Unclassifed Man...
MLX90316 ETC2-MLX90316 Datasheet
673Kb / 41P
   Rotary Position Sensor IC
MLX90316 ETC2-MLX90316_05 Datasheet
837Kb / 34P
   Rotary Position Sensor IC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com