Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72214P2301K101 Datasheet(PDF) 5 Page - EPCOS

Part # B72214P2301K101
Description  Leaded varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72214P2301K101 Datasheet(HTML) 5 Page - EPCOS

  B72214P2301K101 Datasheet HTML 1Page - EPCOS B72214P2301K101 Datasheet HTML 2Page - EPCOS B72214P2301K101 Datasheet HTML 3Page - EPCOS B72214P2301K101 Datasheet HTML 4Page - EPCOS B72214P2301K101 Datasheet HTML 5Page - EPCOS B72214P2301K101 Datasheet HTML 6Page - EPCOS B72214P2301K101 Datasheet HTML 7Page - EPCOS B72214P2301K101 Datasheet HTML 8Page - EPCOS B72214P2301K101 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Leaded varistors
B72214P2**1K101
AdvanceD-MP series
SIOV-S14K***E2K1
PPD PD VAR PD
2010-02-02
Please read Cautions and warnings and
Page 5 of 15
Important notes at the end of this document.
Characteristics (25 °C)
Ordering code
Type
Vv
∆V
v
Max clamping
Ctyp
SIOV-
(1 mA)
(1 mA)
voltage
(1 kHz)
Duty cycle
surge rating
(8/20 µs)
S14K
Vc
Ic
3 kA*
750 A*
[V]
[%]
[V]
[A]
[pF]
times
times
B72214P2131K101
130E2K1
205
±10
340
50
760
40
800
B72214P2141K101
140E2K1
220
±10
360
50
715
40
800
B72214P2151K101
150E2K1
240
±10
395
50
670
40
800
B72214P2171K101
175E2K1
270
±10
455
50
575
40
800
B72214P2211K101
210E2K1
330
±10
545
50
375
40
800
B72214P2231K101
230E2K1
360
±10
595
50
340
40
800
B72214P2251K101
250E2K1
390
±10
650
50
320
40
800
B72214P2271K101
275E2K1
430
±10
710
50
290
40
800
B72214P2301K101
300E2K1
470
±10
775
50
285
40
800
B72214P2321K101
320E2K1
510
±10
840
50
280
40
800
B72214P2351K101
350E2K1
560
±10
910
50
260
40
800
B72214P2381K101
385E2K1
620
±10
1025
50
240
40
800
B72214P2421K101
420E2K1
680
±10
1120
50
210
40
800
B72214P2461K101
460E2K1
750
±10
1240
50
180
40
800
B72214P2511K101
510E2K1
820
±10
1355
50
170
15
500
B72214P2551K101
550E2K1
910
±10
1500
50
155
15
500
B72214P2621K101
625E2K1
1000
±10
1650
50
140
15
500
B72214P2681K101
680E2K1
1100
±10
1815
50
130
15
500
*The specified current value shows the actual 8/20 µs peak current throughout the varistor, not the
combination wave form.


Similar Part No. - B72214P2301K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72214P2301K101 EPCOS-B72214P2301K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
B72214P2301K101 EPCOS-B72214P2301K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
B72214P2301K101 EPCOS-B72214P2301K101 Datasheet
461Kb / 22P
   SIOV metal oxide varistors
More results

Similar Description - B72214P2301K101

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72205S2131K101 EPCOS-B72205S2131K101 Datasheet
113Kb / 11P
   Leaded Varistors
B72205S0110K101 EPCOS-B72205S0110K101 Datasheet
140Kb / 16P
   Leaded Varistors
logo
TDK Electronics
B72307S0231K101 TDK-B72307S0231K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0111K101 TDK-B72307S0111K101 Datasheet
84Kb / 2P
   Leaded Disk Varistors
B72307S0211K101 TDK-B72307S0211K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0511K101 TDK-B72310S0511K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0321K101 TDK-B72310S0321K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0141K101 TDK-B72310S0141K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0131K101 TDK-B72310S0131K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
B72310S0621K101 TDK-B72310S0621K101 Datasheet
91Kb / 2P
   Leaded Disk Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com