Electronic Components Datasheet Search |
|
ZM7308G-65506-B1 Datasheet(PDF) 11 Page - Power-One |
|
ZM7308G-65506-B1 Datasheet(HTML) 11 Page - Power-One |
11 / 33 page ZM7300G Series Digital Power Manager Data Sheet ZD-00896 Rev. 5.1, 13-Jul-10 www.power-one.com Page 11 of 33 Table 2. POL Setup Registers Address Offset Register Content Z-ONE POL Aux Device 00h PC1_x EC_x Protection Configuration 1 01h PC2_x reserved Protection Configuration 2 02h PC3_x reserved Protection Configuration 3 03h TC_x reserved Tracking Configuration 04h INT_x reserved Interleave Configuration and Frequency Selection 05h DON_x EON_x Turn-On Delay 06h DOF_x EOF_x Turn-Off Delay 07h VOS_x reserved Output Voltage Set-point 08h CLS_x reserved Current Limit Set-point 09h DCL_x reserved Duty Cycle Limit 0Ah B1_x reserved Dig Controller Denominator z-1 Coefficient 0Bh B2_x reserved Dig Controller Denominator z-2 Coefficient 0Ch B3_x reserved Dig Controller Denominator z-3 Coefficient 0Dh C0L_x reserved Dig Controller Numerator z0 Coefficient Low Byte 0Eh C0H_x reserved Dig Controller Numerator z0 Coefficient High Byte 0Fh C1L_x reserved Dig Controller Numerator z-1 Coefficient Low Byte 10h C1H_x reserved Dig Controller Numerator z-1 Coefficient High Byte 11h C2L_x reserved Dig Controller Numerator z-2 Coefficient Low Byte 12h C2H_x reserved Dig Controller Numerator z-2 Coefficient High Byte 13h C3L_x reserved Dig Controller Numerator z-3 Coefficient Low Byte 14h C3H_x reserved Dig Controller Numerator z-3 Coefficient High Byte 15h reserved reserved 16h reserved reserved 17h reserved reserved 18h reserved reserved 19h reserved reserved 1Ah reserved reserved 1Bh reserved reserved 1Ch VOML_x #) reserved Output Voltage Margining Low Value 1Dh VOMH_x #) reserved Output Voltage Margining High Value 1Eh CRC0_x #) CRC0_x #) Cyclic Redundancy Check Register 0 1Fh CRC1_x #) CRC1_x #) Cyclic Redundancy Check Register 1 ______________________________________ x denotes the POL address [0..31] #) not downloaded to the POL during programming 10.1.4 Monitoring Data The DPMs can retrieve current, temperature, output voltage, and status information from each of the POL converters and status information only from Auxiliary Devices. Monitoring data is stored in RAM and can be accessed via the I2C bus. Monitoring registers are read only. The monitoring data consists of 5 Bytes for each POL converter and Auxiliary Device as shown in Table 3. When the status monitoring is enabled, the ST registers get continuously updated. When the parametric monitoring is enabled, the VOH, VOL, IO, and TMP registers get continuously updated. |
Similar Part No. - ZM7308G-65506-B1 |
|
Similar Description - ZM7308G-65506-B1 |