Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NICVS-1456 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NICVS-1456
Description  Real-time FireWire image acquisition,analysis, and storage
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NICVS-1456 Datasheet(HTML) 3 Page - National Instruments Corporation

  NICVS-1456 Datasheet HTML 1Page - National Instruments Corporation NICVS-1456 Datasheet HTML 2Page - National Instruments Corporation NICVS-1456 Datasheet HTML 3Page - National Instruments Corporation NICVS-1456 Datasheet HTML 4Page - National Instruments Corporation NICVS-1456 Datasheet HTML 5Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
National Instruments • Tel: (800) 433-3488 • Fax: (512) 683-9300 • info@ni.com • ni.com
Rugged Real-Time Compact Vision Systems
Connect to Compact FieldPoint
CVS-145x systems connect easily to Compact FieldPoint, the
National Instruments real-time modular industrial control and
measurement system. If you need analog signals, specialized digital
inputs, or other types of distributed control to interface to your
CVS-145x system, you can connect them easily. You can use
either RS232 or NI DataSocket technology to communicate with
individual channels on Compact FieldPoint modules. Use this data
for decision making on a CVS-145x system or show the data on the
real-time display.
Rugged, Reliable Design
Run your application with confidence. CVS-145x systems use the
powerful, award-winning LabVIEW Real-Time engine, a reliable and
embedded programming environment. Time-bounded algorithms
ensure that you can meet the deterministic demands of your system;
configure your inspections to occur in a defined amount of time.
CVS-145x systems were designed with harsh industrial
environments in mind. The temperature range of 0 to 55 °C ensures that
uptime is kept at a maximum. The absence of fans, vents, or moving parts
ensures the compact vision system to be a reliable addition to your
industrial inspection robotics, packaging, or assembly applications.
CVS-145x systems are ready for panel and DIN-rail mounting.
Hardware
DRAM memory ................................................. 128 MB
Nonvolatile Storage
CVS-1454 ................................................... 32 MB
CVS-1455 ................................................... 128 MB
CVS-1456 ................................................... 256 MB
Serial port......................................................... RS232
Video out .......................................................... VGA
Network
Interface ........................................................... 10BaseT and 100BaseTX Ethernet
Compatibility .................................................... IEEE 802.3
Maximum distance is 100 m per Ethernet segment
Digital I/O
Digital input (15)............................................... 13 isolated 24 V, 2 dedicated TTL
Digital output (14) ............................................ 4 isolated 24 V, 10 dedicated TTL
Power Requirements
Main supply voltage......................................... 24 VDC ±10%
Power (excluding camera)................................ 12 W, typical
22 W, maximum
1394 bus power................................................ 18 W, maximum
Isolated supply ................................................. 5 to 30 VDC
Environment
This product has been tested in accordance with IEC-60068-2-1,
IEC-60068-2-2, IEC-60068-2-56
Operating temperature..................................... 0 to 55 °C
Storage temperature ........................................ -20 to 70 °C
Relative humidity ............................................. 10 to 90%, noncondensing
Safety
This product is designed to meet the requirements of the following standards
of safety for electrical equipment for measurement, control, and laboratory use.
• EN 61010-1
• IEC 61010-1
• UL 3101-1
• UL 3111-1
• UL 3121
• CAN/CSA c22.2 No. 1010.1
Note: For UL or other safety certifications, refer to the product label or go to ni.com
Electromagnetic Compatibility
Emissions.......................................................... EN 55011, Class A @ 10 m, FCC Part 15a above 1 GHz
Immunity........................................................... EN 61326 and FCC Part 15 (Class A) Compliant
Physical Compatibility
Dimensions....................................................... 10.2 by 12.7 by 6.4 cm (4 by 5 by 2.5 in.)
Weight ............................................................ 977 g (2.15 lb)
Specifications
Step 1. Select your compact vision system.
NI CVS-1454 ....................................................................778638-01
NI CVS-1455 ....................................................................778638-01
NI CVS-1456 ................................................................778986-01
Step 2. Select your camera.
640x480, 60 fps FireWire camera ................................778785-01
1024x768, 15 fps FireWire camera ..............................778849-01
FireWire cable 2.0 m ....................................................185797-02
Step 3. Select your software.
Configuration
NI Vision Builder for Automated Inspection..........778649-01
Programming
NI LabVIEW..............................................................776671-03
NI LabVIEW Real-Time Module ..............................777844-03
NI LabVIEW Vision Development Module ............777859-03
NI OCR Software ......................................................778670-01
Step 4. Select your power options.
24 VDC, 50 W power supply ........................................778794-01
Power cord, US 120 VAC/Japanese 100 VAC ................763000-01
Power cord, United Kingdom 240 VAC ......................763064-01
Power cord, Swiss 220 VAC ..........................................763065-01
Power cord, Australian 240 VAC ..................................763066-01
Power cord, Universal Euro ..........................................763067-01
Power cord, North America 240 VAC ..........................763068-01
Step 5. Select your accessories.
12 mm machine vision lens..........................................778789-01
Advanced Illumination LED ring light ........................778787-01
DIN-rail mount kit ......................................................189154-01
Digital I/O breakout box and cable
Horizontal mount ....................................................778790-01
Vertical mount ..........................................................778791-01
SMB trigger cable ..........................................................763422-01
BUY ONLINE!
Visit ni.com/info and enter cvs1454.
Ordering Information


Similar Part No. - NICVS-1456

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NIC-NSPE-T-ELKO NIC-NIC-NSPE-T-ELKO Datasheet
122Kb / 3P
   Hybrid Aluminum Electrolytic Capacitors
logo
ON Semiconductor
NIC5004ATS1 ONSEMI-NIC5004ATS1 Datasheet
110Kb / 3P
   Self-Protected FET
August, 2012 ??Rev. 1
NIC5004TS1 ONSEMI-NIC5004TS1 Datasheet
110Kb / 3P
   Self-Protected FET
August, 2012 ??Rev. 1
NIC9N05ATS1 ONSEMI-NIC9N05ATS1 Datasheet
88Kb / 3P
   Protected Power MOSFET
November, 2011 - Rev. 1
NIC9N05TS1 ONSEMI-NIC9N05TS1 Datasheet
121Kb / 4P
   Protected Power MOSFET
September, 2008 ??Rev. 0
More results

Similar Description - NICVS-1456

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM9704 NSC-LM9704 Datasheet
74Kb / 4P
   Real Time Digital Image Processor
LM9702 NSC-LM9702 Datasheet
74Kb / 4P
   LM9702 Real Time Digital Image Processor
logo
Good Will Instrument Co...
GRS-6052A GWINSTEK-GRS-6052A Datasheet
225Kb / 2P
   50MHz/30MHz REAL-TIME/DIGITAL STORAGE OSCILLOSCOPE
logo
NXP Semiconductors
PCF8564A NXP-PCF8564A Datasheet
924Kb / 44P
   Real time clock and calendar
Rev. 1-8 October 2009
PCF8564A NXP-PCF8564A_10 Datasheet
1Mb / 45P
   Real time clock and calendar
Rev. 02-30 September 2010
PCF8564A_1308 NXP-PCF8564A_1308 Datasheet
386Kb / 48P
   Real time clock and calendar
Rev. 3-26 August 2013
logo
Analog Devices
ADIS16227 AD-ADIS16227_15 Datasheet
491Kb / 24P
   Digital Triaxial Vibration Sensor with FFT Analysis and Storage
REV. B
logo
Linear Dimensions Semic...
LNDAQ2 LINEAR_DIMENSIONS-LNDAQ2 Datasheet
165Kb / 1P
   Complete Signal Acquisition, Extraction & Fusion Analysis SoC
logo
Hamamatsu Corporation
C7942CK-12 HAMAMATSU-C7942CK-12 Datasheet
138Kb / 6P
   Acquire digital X-ray image in real time and 170 mm diagonal size
logo
National Instruments Co...
NI1428 NI-NI1428 Datasheet
55Kb / 3P
   Camera Link Image Acquisition
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com