Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575EP Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2575EP
Description  SIMPLE SWITCHER 1A Step-Down Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2575EP Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2575EP Datasheet HTML 3Page - National Semiconductor (TI) LM2575EP Datasheet HTML 4Page - National Semiconductor (TI) LM2575EP Datasheet HTML 5Page - National Semiconductor (TI) LM2575EP Datasheet HTML 6Page - National Semiconductor (TI) LM2575EP Datasheet HTML 7Page - National Semiconductor (TI) LM2575EP Datasheet HTML 8Page - National Semiconductor (TI) LM2575EP Datasheet HTML 9Page - National Semiconductor (TI) LM2575EP Datasheet HTML 10Page - National Semiconductor (TI) LM2575EP Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
LM2575-ADJEP, LM2575HV-ADJEP
Electrical Characteristics (Note 16)
Specifications with standard type face are for T
J= 25˚C, and those with boldface type apply over full Operating Temperature
Range.
Symbol
Parameter
Conditions
Typ
LM2575-ADJEP
Units
(Limits)
LM2575HV-ADJEP
Limit
(Note 5)
SYSTEM PARAMETERS (Note 6) Test Circuit Figure 2
V
OUT
Feedback Voltage
V
IN = 12V, ILOAD = 0.2A
1.230
V
V
OUT = 5V
1.217
V(Min)
Circuit of Figure 2
1.243
V(Max)
V
OUT
Feedback Voltage
0.2A
≤ I
LOAD
≤ 1A,
1.230
V
LM2575EP
8V
≤ V
IN
≤ 40V
1.193/1.180
V(Min)
V
OUT = 5V, Circuit of Figure 2
1.267/1.280
V(Max)
V
OUT
Feedback Voltage
0.2A
≤ I
LOAD
≤ 1A,
1.230
V
LM2575HVEP
8V
≤ V
IN
≤ 60V
1.193/1.180
V(Min)
V
OUT = 5V, Circuit of Figure 2
1.273/1.286
V(Max)
η
Efficiency
V
IN = 12V, ILOAD = 1A, VOUT =5V
77
%
All Output Voltage Versions
Electrical Characteristics (Note 16)
Specifications with standard type face are for T
J = 25˚C, and those with boldface type apply over full Operating Tempera-
ture Range. Unless otherwise specified, V
IN = 12V for the 3.3V, 5V, and Adjustable version, VIN = 25V for the 12V version,
and V
IN = 30V for the 15V version. ILOAD = 200 mA.
Symbol
Parameter
Conditions
Typ
LM2575-XXEP
Units
(Limits)
LM2575HV-XXEP
Limit
(Note 5)
DEVICE PARAMETERS
I
b
Feedback Bias Current
V
OUT = 5V (Adjustable Version Only)
50
100/500
nA
f
O
Oscillator Frequency
(Note 15)
52
kHz
47/42
kHz(Min)
58/63
kHz(Max)
V
SAT
Saturation Voltage
I
OUT = 1A (Note 7)
0.9
V
1.2/1.4
V(Max)
DC
Max Duty Cycle (ON)
(Note 8)
98
%
93
%(Min)
I
CL
Current Limit
Peak Current (Notes 7, 15)
2.2
A
1.7/1.3
A(Min)
3.0/3.2
A(Max)
I
L
Output Leakage
(Notes 9, 10)
Output = 0V
2
mA(Max)
Current
Output = −1V
7.5
mA
Output = −1V
30
mA(Max)
I
Q
Quiescent Current
(Note 9)
5
mA
10
mA(Max)
I
STBY
Standby Quiescent
ON /OFF Pin = 5V (OFF)
50
µA
Current
200
µA(Max)
www.national.com
7


Similar Part No. - LM2575EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results

Similar Description - LM2575EP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2575T-5 TI1-LM2575T-5 Datasheet
756Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
MNLM1575-12-X NSC-MNLM1575-12-X Datasheet
252Kb / 14P
   SIMPLE SWITCHER 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575EP TI1-LM2575EP Datasheet
2Mb / 28P
[Old version datasheet]   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
ARTSCHIP ELECTRONICS CO...
LM1575 ARTSCHIP-LM1575 Datasheet
7Mb / 25P
   Simple Switcher 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM1575-15 NSC-LM1575-15 Datasheet
252Kb / 14P
   SIMPLE SWITCHER(TM) 1A STEP-DOWN VOLTAGE REGULATOR
logo
Texas Instruments
LM2575HVSX-5.0 TI1-LM2575HVSX-5.0 Datasheet
5Mb / 44P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2575HVT-5 TI1-LM2575HVT-5 Datasheet
5Mb / 43P
[Old version datasheet]   LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com