Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RM015C106KAJ650 Datasheet(PDF) 3 Page - AVX Corporation

Part # RM015C106KAJ650
Description  RoHS Compliant SMPS Stacked MLC Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

RM015C106KAJ650 Datasheet(HTML) 3 Page - AVX Corporation

  RM015C106KAJ650 Datasheet HTML 1Page - AVX Corporation RM015C106KAJ650 Datasheet HTML 2Page - AVX Corporation RM015C106KAJ650 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
1.0 .70 .40 .18 1.2 1.0 .60 .26 .47 .40 .20 .09
27 12 7.0 2.6 41 18 11 4.0 18 6.0 3.6 1.3
84 32 12 – – 110 46 34 – – 40 15 6.0 – –
Max Capacitance (μF) Available Versus Style with Height (A) of 0.120" - 3.05mm
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
.16 .13 .07 .02 .05 .04 .02 .01 3.2 2.4 1.3 .50
7.5 1.8 1.1 .40 2.8 .68 .40 .16 80 40
24 9.4
12 4.6 3.0 – – 4.6 1.8 .72 – – 260 140 92 – –
Max Capacitance (μF) Available Versus Style with Height (A) of 0.240" - 6.10mm
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
2.0 1.4 .80 .36 2.4 2.0 1.2 .52 1.0 .80 .40 .18
54 24 14 5.2 82 36 22 8.0 36 12 7.2 2.6
160 64 24 – – 230 92 68 – – 80 30
12 – –
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
.32 .26 .14 .05 .10 .08 .05 .02 6.4 4.8 2.6 1.0
15 3.6 2.2 .80 5.6 1.3 .80 .32 160 80
48 18
24 9.2 6.0 – – 9.2 3.6 1.4 – – 520 280 180 – –
Max Capacitance (μF) Available Versus Style with Height (A) of 0.360" - 9.14mm
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
3.0 2.1 1.2 .54 3.6 3.0 1.8 .78 1.5 1.2 .60 .27
82 36 21 7.8 120 54 33 12
54 18
10 3.9
250 96 36 – – 350 130 100 – – 120 45
18 – –
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
.48 .39 .21 .07 .15 .12 .07 .03 9.6 7.2 3.9 1.5
22 5.4 3.3 1.2 8.2 2.0 1.2 .48 240 120 72 28
36 13 9.0 – – 13 5.4 2.1 – – 780 430 270 – –
Max Capacitance (μF) Available Versus Style with Height (A) of 0.480" - 12.2mm
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
4.0 2.8 1.6 .72 4.8 4.0 2.2 1.0 2.0 1.6 .80 .36
110 48 28 10 160 72 44 16
72 24
14 5.2
330 120 48 – – 470 180 130 – – 160 60
24 – –
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
.64 .52 .28 .10 .20 .16 .10 .04 12 9.6 5.2 2.0
30 7.2 4.4 1.6 10 2.7 1.6 .64 320 160 96 37
48 18 12 – – 18 7.2 2.8 – – 1000 570 360 – –
Max Capacitance (μF) Available Versus Style with Height (A) of 0.650" - 16.5mm
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
5.0 3.5 2.0 .90 6.0 5.0 3.0 1.3 2.5 2.0 1.0 .47
130 60 35 13 200 90 55 20
90 30
18 6.5
420 160 60 – – 590 230 170 – – 200 75
30 – –
50V 100V 200V 500V 50V 100V 200V 500V 50V 100V 200V 500V
.80 .65 .35 .12 .25 .20 .12 .05 16 12 6.5 2.5
36 9.0 5.5 2.0 12 3.4 2.0 .80 400 200 120 47
60 23 15 – – 23 9.0 3.6 – – 1300 720 460 – –
RM01 _ _ _ _ _ _ AN120
RM02 _ _ _ _ _ _ AN120
RM03 _ _ _ _ _ _ AN120
RM04 _ _ _ _ _ _ AN120
RM05 _ _ _ _ _ _ AN120
RM06 _ _ _ _ _ _ AN120
AVX
STYLE
C0G
X7R
Z5U
RM01 _ _ _ _ _ _ AN240
RM02 _ _ _ _ _ _ AN240
RM03 _ _ _ _ _ _ AN240
RM04 _ _ _ _ _ _ AN240
RM05 _ _ _ _ _ _ AN240
RM06 _ _ _ _ _ _ AN240
AVX
STYLE
C0G
X7R
Z5U
RM01 _ _ _ _ _ _ AN360
RM02 _ _ _ _ _ _ AN360
RM03 _ _ _ _ _ _ AN360
RM04 _ _ _ _ _ _ AN360
RM05 _ _ _ _ _ _ AN360
RM06 _ _ _ _ _ _ AN360
AVX
STYLE
C0G
X7R
Z5U
RM01 _ _ _ _ _ _ AN480
RM02 _ _ _ _ _ _ AN480
RM03 _ _ _ _ _ _ AN480
RM04 _ _ _ _ _ _ AN480
RM05 _ _ _ _ _ _ AN480
RM06 _ _ _ _ _ _ AN480
AVX
STYLE
C0G
X7R
Z5U
RM01 _ _ _ _ _ _ AN650
RM02 _ _ _ _ _ _ AN650
RM03 _ _ _ _ _ _ AN650
RM04 _ _ _ _ _ _ AN650
RM05 _ _ _ _ _ _ AN650
RM06 _ _ _ _ _ _ AN650
AVX
STYLE
C0G
X7R
Z5U
RoHS Compliant SMPS Stacked
MLC Capacitors
(RM Style)


Similar Part No. - RM015C106KAJ650

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
RM015 MACOM-RM015 Datasheet
326Kb / 5P
   Pushbutton Switches, 22mm, Oil-Tight, Round
More results

Similar Description - RM015C106KAJ650

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
RMM AVX-RMM Datasheet
104Kb / 2P
   RoHS Compliant SMPS Stacked MLC Capacitors (RMM Style) Extended Range
T49470R01105KCJ AVX-T49470R01105KCJ Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SM91 AVX-SM91 Datasheet
80Kb / 3P
   SMPS Stacked MLC Capacitors (SM9 Style) Technical Information on SMPS Capacitors
SM01 AVX-SM01 Datasheet
186Kb / 18P
   SMPS Stacked MLC Capacitors (SM Style) Technical Information on SMPS Capacitors
SMM4 AVX-SMM4 Datasheet
90Kb / 2P
   SMPS Stacked MLC Capacitors (SMM Style) Extended Range
SMX AVX-SMX Datasheet
163Kb / 4P
   SMPS Stacked MLC Capacitors SMX Style for High Temperature Applications up to 200쨘C
RT10 AVX-RT10 Datasheet
146Kb / 2P
   RoHS Compliant Mini-TurboCapTM Small Footprint, High Volumetric Efficiency, High-CV SMPS Capacitors
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com