Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

N7G24-A0B2RB-10-3WF Datasheet(PDF) 4 Page - 3M Electronics

Part # N7G24-A0B2RB-10-3WF
Description  3M??Connector for CFast??Card
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

N7G24-A0B2RB-10-3WF Datasheet(HTML) 4 Page - 3M Electronics

  N7G24-A0B2RB-10-3WF Datasheet HTML 1Page - 3M Electronics N7G24-A0B2RB-10-3WF Datasheet HTML 2Page - 3M Electronics N7G24-A0B2RB-10-3WF Datasheet HTML 3Page - 3M Electronics N7G24-A0B2RB-10-3WF Datasheet HTML 4Page - 3M Electronics N7G24-A0B2RB-10-3WF Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3
Electronic Solutions Division
Interconnect Solutions
http://www.3Mconnector.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MConnector for CFastCard
7G24 Series
TS-2329-A
Sheet 4 of 4
Ordering Information
N7G24 - A 0 X X XX - X 0 - X XX
Physical Configuration (Total Arm Length)
A = 39.23 mm
Card Polarization
B = Normal
**D = Inverse
Mounting Style
2 = Surface Mount, Right Angle
1.27 mm Tail Pitch
Plating Suffix
**EA=15 µ" min. Gold plated at mated end and Gold Flash at soldertail. 80 µ" min.
Nickel underplated all over.
**EB=30 µ" min. Gold plated at mated end and Gold Flash a soldertail. 80 µ" min.
Nickel underplated all over.
RA=15 µ" min. Gold plated at mated end and 100 µ" min. Matte-Tin plated at soldertail.
80 µ" min. Nickel underplated all over.
RB=30 µ" min. Gold plated at mated end and 100 µ" min. Matte-Tin plated at soldertail.
80 µ" min. Nickel underplated all over.
Packaging Option
HT = Hard Tray
**WF = Tape & Reel
Preassembly
0 = No preassembly accessory
3 = Right Dual-Push Ejector
(P/N: 7G24-B5A6-05)
5 = Left Dual-Push Ejector
(P/N: 7G24-B6A6-05)
7 = Latching Retainer
(P/N: 7E50-C016-00)
0 = No Standoff
1 = 2 mm Standoff
Notes:
** are for future development
4.00
[.157](2X)
3.00
[.118](2X)
Ø
1.75
[Ø.069](2X)
Ø
2.30
[Ø.091](2X)
0.80±0.05
[.031±0.002]
0.08
D
1.27
[.050](22X)
7.62
[.300]
40.16
[1.581]
6.80
[.268]
24.80
[.976]
25.10
[.988]
Ø
1.35
[Ø.053](2X)
C OF
L
D
45.40
[1.788]
46.60
[1.835]
S1
S7
PC1
PC17
4.595
[.181]
2.50
[.098]
20.32
[.800]
8.105
[.319]
3.00
[.118]
RECOMMENDED PCB THICKNESS 1.65 [0.066] NOMINAL
HOLE & PAD PATTERN TOL ±0.05 [0.002]
L


Similar Description - N7G24-A0B2RB-10-3WF

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SQF-S10-650 ADVANTECH-SQF-S10-650 Datasheet
426Kb / 1P
   SATA III (6.0Gb) CFast Card
1-Aug-2022
SQF-S10U1-16G-SBC ADVANTECH-SQF-S10U1-16G-SBC Datasheet
813Kb / 23P
   CFast 640 Datasheet
Nov. 13, 2018
logo
Beckhoff Automation Gmb...
CX2550-0010 BECKHOFF-CX2550-0010 Datasheet
71Kb / 2P
   extension module for CX20xx, CFast slot
CU8871 BECKHOFF-CU8871 Datasheet
101Kb / 2P
   USB CFast slot
logo
List of Unclassifed Man...
AF2GCSI-OAAXP ETC1-AF2GCSI-OAAXP Datasheet
848Kb / 23P
   ATP Industrial Grade CFast Card Specification
logo
Advantech Co., Ltd.
SQF-S10630 ADVANTECH-SQF-S10630 Datasheet
717Kb / 1P
   SATA III (6.0Gb) CFast
logo
Axiomtek Co., Ltd.
CFC AXIOMTEK-CFC Datasheet
185Kb / 1P
   CFast card specification standard, Capacity: 2GB up to 32GB
logo
Greenliant systems
GLS91CA016G2 GREENLIANT-GLS91CA016G2 Datasheet
115Kb / 6P
   Industrial Temp CFast ArmourDrive MX Series
logo
Advantech Co., Ltd.
PCM-23C1CF-CE ADVANTECH-PCM-23C1CF-CE Datasheet
349Kb / 1P
   1 CFast Slot with Cover Protection
15-Aug-2022
logo
Schneider Electric
HMIZCFA32S SCHNEIDER-HMIZCFA32S Datasheet
119Kb / 2P
   Memory cartridge, Harmony GTU, CFast card 32 GB system
May 2, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com