Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PXI-8108 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # PXI-8108
Description  Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PXI-8108 Datasheet(HTML) 6 Page - National Instruments Corporation

  PXI-8108 Datasheet HTML 1Page - National Instruments Corporation PXI-8108 Datasheet HTML 2Page - National Instruments Corporation PXI-8108 Datasheet HTML 3Page - National Instruments Corporation PXI-8108 Datasheet HTML 4Page - National Instruments Corporation PXI-8108 Datasheet HTML 5Page - National Instruments Corporation PXI-8108 Datasheet HTML 6Page - National Instruments Corporation PXI-8108 Datasheet HTML 7Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
6
2.53 GHz Dual-Core Embedded Controller for PXI
Safety Compliance
This product is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
IEC 61010-1, EN 61010-1
UL 61010-01, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label or visit
ni.com/certification, search by model number or product line, and click the
appropriate link in the Certification column.
Electromagnetic Compatibility
This product is designed to meet the requirements of the following standards of
EMC for electrical equipment for measurement, control, and laboratory use:
EN 61326 (IEC 61326): Class A emissions; Basic immunity
EN 55011 (CISPR 11): Group 1, Class A emissions
AS/NZS CISPR 11: Group 1, Class A emissions
FCC 47 CFR Part 15B: Class A emissions
ICES-001: Class A emissions
Note: For EMC compliance, operate this device according to product documentation.
CE Compliance
This product meets the essential requirements of applicable European Directives,
as amended for CE marking, as follows:
2006/95/EC; Low-Voltage Directive (safety)
2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for any
additional regulatory compliance information. To obtain the DoC for this product,
visit ni.com/certification, search by model number or product line, and click
the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be sent to a
WEEE recycling center. For more information about WEEE recycling centers and
National Instruments WEEE initiatives, visit ni.com/environment/weee.htm.


Similar Part No. - PXI-8108

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXI-8101 NI-PXI-8101 Datasheet
797Kb / 6P
   High-Value Embedded Controllers for PXI
PXI-8101RT NI-PXI-8101RT Datasheet
948Kb / 5P
   2.0 GHz Intel Celeron 575 Real-Time Embedded Controllers for PXI
PXI-8104RT NI-PXI-8104RT Datasheet
1Mb / 5P
   1.86 GHz Intel Celeron M Real-Time Embedded Controllers for PXI
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
More results

Similar Description - PXI-8108

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PXIE-8108 NI-PXIE-8108 Datasheet
732Kb / 7P
   Intel Core 2 Duo T9400 processor(2.53 GHz dual core)
PXI-8106 NI-PXI-8106 Datasheet
774Kb / 7P
   Intel Core 2 Duo processor T7400(2.16 GHz dual core)
PXI-8105 NI-PXI-8105 Datasheet
519Kb / 6P
   Intel Core Duo Processor T2500(2.0 GHz dual core)
logo
BOSER Technology Co., L...
HS-1760 BOSER-HS-1760 Datasheet
97Kb / 1P
   Intel Core 2 Duo/Celeron M processor
HS-1743 BOSER-HS-1743 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor
logo
AAEON Technology
EMB-945T AAEON-EMB-945T Datasheet
373Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
PCM-9452 AAEON-PCM-9452 Datasheet
358Kb / 2P
   Compact Board with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
EMB-9458T AAEON-EMB-9458T Datasheet
296Kb / 2P
   Embedded Motherboard with Intel Core 2 Duo/ Core Duo/ Celeron M Processor
IMBM-935 AAEON-IMBM-935 Datasheet
395Kb / 2P
   Industrial Motherboard with Intel Core 2 Quad/ Core 2 Duo Processor
logo
ADL Embedded Solutions
ADL945HD ADL-ADL945HD Datasheet
225Kb / 2P
   Intel Celeron M / Core Duo / Core 2 Duo: 1.07GHz - 2.16GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com