Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZM7308G-65507-B2 Datasheet(PDF) 3 Page - Power-One

Part # ZM7308G-65507-B2
Description  Digital Power Manager
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

ZM7308G-65507-B2 Datasheet(HTML) 3 Page - Power-One

  ZM7308G-65507-B2 Datasheet HTML 1Page - Power-One ZM7308G-65507-B2 Datasheet HTML 2Page - Power-One ZM7308G-65507-B2 Datasheet HTML 3Page - Power-One ZM7308G-65507-B2 Datasheet HTML 4Page - Power-One ZM7308G-65507-B2 Datasheet HTML 5Page - Power-One ZM7308G-65507-B2 Datasheet HTML 6Page - Power-One ZM7308G-65507-B2 Datasheet HTML 7Page - Power-One ZM7308G-65507-B2 Datasheet HTML 8Page - Power-One ZM7308G-65507-B2 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ZM7300G Series Digital Power Manager
Data Sheet
ZD-00896 Rev. 5.1, 13-Jul-10
www.power-one.com
Page 3 of 33
4
Reference Documents
 ZY7XXX Point of Load Regulator. Data Sheet
 ZM7300 Digital Power Manager. Programming Manual, Revision A09 or later
 Graphical User Interface, Revision 6.3.5 or later
 Programming ZM7300 DPMs via JTAG Interface. Application Note
 ZM00056-KIT USB to I2C Adapter Kit. User Manual
5
Absolute Maximum Ratings
Stresses beyond those listed may cause permanent damage to the DPM. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability. Functional operation of
the DPM at absolute maximum ratings or conditions beyond those indicated in the operational sections
of this specification is not implied.
Parameter
Conditions/Description
Min
Max
Units
Ambient Temperature Range
-40
85
C
Storage Temperature (Ts)
-55
150
C
Junction Temperature (TJ)
125
C
Input Voltage
VDD pin
-0.3
3.6
VDC
Input Voltage
Any pin other than VDD
-0.5
VDD+0.5
VDC
Pin Current
DC
40
mA
6
Mechanical Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Peak Reflow Temperature
40 sec maximum duration
260
C
Lead Plating
100% matte tin
Moisture Sensitivity Level
JEDEC J-STD-020C
3
7
Reliability Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Failure Rate
Demonstrated at 55
C,
60% Confidence Level
2.26
FIT
Non-Volatile Memory Endurance
-40°C to 85°C ambient
10,000
Read-
Write
cycles


Similar Part No. - ZM7308G-65507-B2

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7308G-65507Y-B1 POWER-ONE-ZM7308G-65507Y-B1 Datasheet
914Kb / 32P
   Digital Power Manager
ZM7308G-65507Y-B2 POWER-ONE-ZM7308G-65507Y-B2 Datasheet
914Kb / 32P
   Digital Power Manager
ZM7308G-65507Y-Q1 POWER-ONE-ZM7308G-65507Y-Q1 Datasheet
914Kb / 32P
   Digital Power Manager
ZM7308G-65507Y-T1 POWER-ONE-ZM7308G-65507Y-T1 Datasheet
914Kb / 32P
   Digital Power Manager
ZM7308G-65507Y-T2 POWER-ONE-ZM7308G-65507Y-T2 Datasheet
914Kb / 32P
   Digital Power Manager
More results

Similar Description - ZM7308G-65507-B2

ManufacturerPart #DatasheetDescription
logo
Power-One
ZM7300G POWER-ONE-ZM7300G Datasheet
914Kb / 32P
   Digital Power Manager
DM7300 POWER-ONE-DM7300 Datasheet
1Mb / 36P
   DM7300G Series Digital Power Manager
logo
Xilinx, Inc
DS485 XILINX-DS485 Datasheet
305Kb / 6P
   Digital Clock Manager
logo
Linear Technology
LTC2978 LINER-LTC2978_15 Datasheet
898Kb / 80P
   Octal Digital Power Supply Manager with EEPROM
LTC4155 LINER-LTC4155 Datasheet
391Kb / 52P
   Dual-Input Power Manager
logo
Texas Instruments
BQ500110 TI-BQ500110 Datasheet
567Kb / 21P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Linear Technology
DC1334A LINER-DC1334A_15 Datasheet
145Kb / 1P
   LTC3576EUFE: Switching Power Manager
logo
Texas Instruments
BQ501210 TI1-BQ501210 Datasheet
215Kb / 8P
[Old version datasheet]   Wireless Power Transmitter Manager
logo
Motorola, Inc
MGR1018 MOTOROLA-MGR1018 Datasheet
151Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
MGR2018CT MOTOROLA-MGR2018CT Datasheet
154Kb / 6P
   Power Manager Gallium Arsenide Power Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com