Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7713 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRP7713
Description  Exar?셲 PowerXR D igital Power Solutions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7713 Datasheet(HTML) 4 Page - Exar Corporation

  XRP7713 Datasheet HTML 1Page - Exar Corporation XRP7713 Datasheet HTML 2Page - Exar Corporation XRP7713 Datasheet HTML 3Page - Exar Corporation XRP7713 Datasheet HTML 4Page - Exar Corporation XRP7713 Datasheet HTML 5Page - Exar Corporation XRP7713 Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Exar’s Digital Power Studio™
Exar’s Digital Power Studio (DPS™) interactive design tool enables you to create a complete 5 channel optimized power
supply design with complex sequencing and many advanced power management features all with a few clicks of the mouse.
Download the latest DPS from ww.exar.com/DigitalPower to start and finish your design today.
XRP7740 Application (Vin = 12V, Iout = 3A-15A, Vout = 0.9V-2.5V)
PCI
3.3V
DDR 1.5V
Avtt 1.2V
Avcc 1.0V
Vcc Aux 2.5V
Vcc Int 1.0V
PHY 1.8V
PHY 0.9V
SFP 3.3V
XRP7740
XRP7740
PCI
12V
Sync
Sync
PCI
3.3V
FPGA
PHY
1042
SFP+
VccR
Config
Flash
Core
I/O
VccT
SFP+
VccR VccT
Core
I/O
Vtt
Reg
DDR3
1Gbx16
Data[63:0]
Address, Controller
4


Similar Part No. - XRP7713

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7713 EXAR-XRP7713 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
XRP7713ILB-F EXAR-XRP7713ILB-F Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
XRP7713ILBTR-F EXAR-XRP7713ILBTR-F Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
More results

Similar Description - XRP7713

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
TAN-011 EXAR-TAN-011 Datasheet
66Kb / 8P
   A Comparison between Exar?셲 XR-88C681
TAN-013 EXAR-TAN-013 Datasheet
52Kb / 6P
   A Comparison between Exar?셲 XR-88C681
TAN-014 EXAR-TAN-014 Datasheet
76Kb / 10P
   A Comparison between Exar?셲 XR-88C681
DAN-113 EXAR-DAN-113 Datasheet
38Kb / 6P
   Exar?셲 XR17C158 Multiport Serial Device Windows API
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Keysight Technologies
16452A KEYSIGHT-16452A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16453A KEYSIGHT-16453A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16451B KEYSIGHT-16451B Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16454A KEYSIGHT-16454A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com