Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7708 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRP7708
Description  Exar?셲 PowerXR D igital Power Solutions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 2 Page - Exar Corporation

  XRP7708 Datasheet HTML 1Page - Exar Corporation XRP7708 Datasheet HTML 2Page - Exar Corporation XRP7708 Datasheet HTML 3Page - Exar Corporation XRP7708 Datasheet HTML 4Page - Exar Corporation XRP7708 Datasheet HTML 5Page - Exar Corporation XRP7708 Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Exar’s PowerXR Digital Power Solutions
Exar’s PowerXR ICs integrate the best of both worlds; the low cost and flexibility of digital power control as well as the robust
power capabilities of high performance analog power switches. PowerXR products reduce development time from weeks to
hours, enabling a significant time-to-market advantage for system design engineers.
Additionally, Exar’s Digital Power Studio™ is an easy to use software environment, empowering engineers to create complex
sequencing schemes and power systems, and modify voltage, current or other parameters in seconds.
The PowerXR Product Family
The PowerXR family is comprised of five Pluse-Width Modulated (PWM) step-down DC-DC controllers with a built-in LDO for standby
power and GPIOs. The XRP7704, XRP7708, XRP7713, XRP7714, and XRP7740 devices provide a complete power management
solution in one IC and are fully programmable via the included I²C serial interface. Independent Digital Pulse-Width Modulator
(DPWM) channels regulate output voltages and provide all required protection functions such as current limiting and over-
voltage protection.
Exar’s PowerXR Family
Feature
Advantage
Benefit
(re)configurability /
Flexibility
Digitally (re)configurable
SoC power supply solution
Reduces design effort by using simple GUI
instead of changing hardware
Reduces risk by enabling customer to repair/
upgrade power supply when already at
end-customer location
Use common platform across multiple
customer designs
Complete, Feature-Rich
Power SoC Solution
Power SoC Solution replaces up to 13
discrete ICs in 6x6 mm package
Usable across a wide range of Vin,
and broad cross-section of embedded
processors, ASICs, or SOCs.
Replaces cumbersome discrete solutions,
reduces footprint and cost of passive
components
Digital Power Studio™
Rapid development, easy to use
Enables fast, simple design of complex
power solution
Accelerates time to market from first meeting
to production in as little as 2 weeks
Enable wide range of design engineers to
leverage their level of expertise for optimal
design
Small SoC power supply solution with 4
power controllers, 1 LDO and all power
management on a single chip.
Power SoC Solution replaces up to 13
discrete ICs in 6x6 mm package.
Excellent Efficiency
Up to 93% efficiency on 4
combined voltage rails.
Digitally (re)configurable SOC power supply solution
Useable across
a wide range of
Vin, and broad
cross-section
of embedded
processors,
ASICs, or SOCs.
Digital Power
Studio™ enables
fast, simple design of complex power solution.
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
1
2
3
4
5
6
XRP7714 4-Channel Efficiency
Vin = 5V
Vout = 1 , 1.2, 1.8, 2.5V
Iout = 5A max.
2


Similar Part No. - XRP7708

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7708EVB EXAR-XRP7708EVB Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7708EVB EXAR-XRP7708EVB Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7708ILB-F EXAR-XRP7708ILB-F Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
More results

Similar Description - XRP7708

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
TAN-011 EXAR-TAN-011 Datasheet
66Kb / 8P
   A Comparison between Exar?셲 XR-88C681
TAN-013 EXAR-TAN-013 Datasheet
52Kb / 6P
   A Comparison between Exar?셲 XR-88C681
TAN-014 EXAR-TAN-014 Datasheet
76Kb / 10P
   A Comparison between Exar?셲 XR-88C681
DAN-113 EXAR-DAN-113 Datasheet
38Kb / 6P
   Exar?셲 XR17C158 Multiport Serial Device Windows API
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Keysight Technologies
16452A KEYSIGHT-16452A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16453A KEYSIGHT-16453A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16451B KEYSIGHT-16451B Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16454A KEYSIGHT-16454A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com