Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7708 Datasheet(PDF) 5 Page - Exar Corporation

Part # XRP7708
Description  Exar?셲 PowerXR D igital Power Solutions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 5 Page - Exar Corporation

  XRP7708 Datasheet HTML 1Page - Exar Corporation XRP7708 Datasheet HTML 2Page - Exar Corporation XRP7708 Datasheet HTML 3Page - Exar Corporation XRP7708 Datasheet HTML 4Page - Exar Corporation XRP7708 Datasheet HTML 5Page - Exar Corporation XRP7708 Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PowerXR in the News
Technical Resources
Visit www.exar.com/digitalpower to learn more about
PowerXR products, development tools and support.
Datasheets
• XRP7704 Datasheet
• XRP7708 Datasheet
• XRP7713 Datasheet
• XRP7714 Datasheet
• XRP7740 Datasheet
Digital Power Studio Software
• ExarDigitalPowerStudio_setup.zip
Evaluation Boards
• XRP7704EVB
• XRP7708EVB
• XRP7714EVB
• XRP7740EVB
• XRP77XX-XCM (Exar Configuration Module)
• XRP77XX-XPM (Exar Programming Module)
• XRP77XX Gerber Files
User Guides
• Digital Power Studio™ Quick Start Guide
• XPM Operator Manual
• XCM Operator Manual
Articles/White Paper
• Programmable Power Systems Now Essential for
Advanced Processors
• 17 Ways Field Programmable PS Reduce Risk
Technical Email Support
• digital.power@exar.com
Evaluation Boards
Evaluation boards for all PowerXR family of devices are available along with their user manual.
The XRP7704 and XRP7740
were recognized as one of the
Top 100 new products of 2009
by EDN (Electronic Design Magazine)
XRP7714EVB
XCM
Actual 3-Channel
Power Supply Solution
XPM
XRP7740EVB
5


Similar Part No. - XRP7708

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7708EVB EXAR-XRP7708EVB Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7708EVB EXAR-XRP7708EVB Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7708ILB-F EXAR-XRP7708ILB-F Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
More results

Similar Description - XRP7708

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
TAN-011 EXAR-TAN-011 Datasheet
66Kb / 8P
   A Comparison between Exar?셲 XR-88C681
TAN-013 EXAR-TAN-013 Datasheet
52Kb / 6P
   A Comparison between Exar?셲 XR-88C681
TAN-014 EXAR-TAN-014 Datasheet
76Kb / 10P
   A Comparison between Exar?셲 XR-88C681
DAN-113 EXAR-DAN-113 Datasheet
38Kb / 6P
   Exar?셲 XR17C158 Multiport Serial Device Windows API
logo
Intersil Corporation
ISL78307 INTERSIL-ISL78307 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Keysight Technologies
16452A KEYSIGHT-16452A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16453A KEYSIGHT-16453A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16451B KEYSIGHT-16451B Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
16454A KEYSIGHT-16454A Datasheet
2Mb / 7P
   Measuring Dielectric Properties Using Keysight?셲 Materials Measurement Solutions
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
   EXAR XR16L580 COMPARED
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com