Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7714ILB-0X10-F Datasheet(PDF) 11 Page - Exar Corporation

Part # XRP7714ILB-0X10-F
Description  Quad Channel Digital PWM Step Down Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7714ILB-0X10-F Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRP7714ILB-0X10-F Datasheet HTML 7Page - Exar Corporation XRP7714ILB-0X10-F Datasheet HTML 8Page - Exar Corporation XRP7714ILB-0X10-F Datasheet HTML 9Page - Exar Corporation XRP7714ILB-0X10-F Datasheet HTML 10Page - Exar Corporation XRP7714ILB-0X10-F Datasheet HTML 11Page - Exar Corporation XRP7714ILB-0X10-F Datasheet HTML 12Page - Exar Corporation XRP7714ILB-0X10-F Datasheet HTML 13Page - Exar Corporation XRP7714ILB-0X10-F Datasheet HTML 14Page - Exar Corporation XRP7714ILB-0X10-F Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
X
XR
RP
P7
77
71
14
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerr
© 2010 Exar Corporation
11/29
Rev. 1.1.4
FEATURES AND BENEFITS
General DPWM Benefits:
Eliminate temperature and time variations associated
with passive components in:
Output set point
Feedback compensation
Frequency set point
Under voltage lock out
Input voltage measurement
Gate drive dead time
Tighter parameter tolerances including operating
frequency set point
Easy configuration and re-configuration for different
Vout, Iout, Cout, and Inductor selection by simply
changing internal PID coefficients. No need to change
external passives for a new output specification.
Higher integration: Many external circuits can be
handled by monitoring or modifying internal registers
Selectable DPWM frequency and Controller Clock
Frequency
Other Benefits:
A single voltage is needed for regulation [no External
LDO required].
I2C interface allows:
Communication with a System Controller or other
Power Management devices for optimized system
function
Access to modify or read internal registers that
control or monitor:
Output Current
Input and Output Voltage
Soft-Start/Soft-Stop Time
‘Power Good’
Part Temperature
Enable/Disable Outputs
Over Current
Over Voltage
Temperature Faults
Adjusting fault limits and disabling/enabling
faults
Packet Error Checking (PEC) on I2C communication
6 Configurable GPIO pins, (4 if I2C is in use). Pins can
be configured in several ways:
Fault reporting (including OCP, OVP, Temperature,
Soft-Start in progress, Power Good)
Allows a Logic Level interface with other non-digital
IC’s or as logic inputs to other devices
Possible to configure as traditional ‘enable’ pin for
all 4 outputs
2 GPIOs can be dedicated to the I2C Interface as
required by the customers design
Frequency and Synchronization Capability
Selectable switching frequency between 300kHz and
1.5MHz
Channel to channel phase relationship is a fixed 90
degrees
Main oscillator clock and DPWM clock can be
synchronized to external sources
‘Master’, ‘Slave’ and ‘Stand-alone’ Configurations
are possible
Internal MOSFET Drivers
Internal FET drivers (3Ω/6Ω) for each Channel
Built-In Automatic Dead-time adjustment
30ns Rise and Fall times
PowerArchitect™ Design and Configuration Software:
In its simplest form only VIN, VOUT, and Iout for
each channel is required.
The software calculates configuration register
content based upon customer requirements. PID
coefficients for correct loop response (for automatic
or customized designs) can be generated and sent
to the device.
Configurations can be saved and/or recalled
GPIOs can be configured easily and intuitively
Synchronization configuration can be adjusted
Interface can be used for real-time debugging and
optimization
Customizing XRP7714 with customer parameters
Once a configuration is finalized it can be sent to
EXAR and can reside in pre-programmed parts that
customers can order with an individual part number.
Allows parts to be used without I2C interface
System Benefits:
Reliability is enhanced via communication with the
system controller which can obtain real time data on
an output voltage, input voltage and current.
System processors can communicate with the
XRP7714 directly to obtain data or make adjustments
to react to circuit conditions
A system process or could also be configured to log
and analyze operating history, perform diagnostics and
if required, take the supply off-line after making other
system adjustments.
If customer field service is a possibility for your end
product, parameter reporting and history would
provide additional capabilities for troubleshooting or
aid in future system upgrades.


Similar Part No. - XRP7714ILB-0X10-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7714ILB-F EXAR-XRP7714ILB-F Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
More results

Similar Description - XRP7714ILB-0X10-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com