Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7714ILBTR-0X18-F Datasheet(PDF) 1 Page - Exar Corporation

Part # XRP7714ILBTR-0X18-F
Description  Quad Channel Digital PWM Step Down Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7714ILBTR-0X18-F Datasheet(HTML) 1 Page - Exar Corporation

  XRP7714ILBTR-0X18-F Datasheet HTML 1Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 2Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 3Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 4Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 5Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 6Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 7Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 8Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
X
XR
RP
P7
77
71
14
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerr
September 2010
Rev. 1.1.4
Exar Corporation
www.exar.com
48720 Kato Road, Fremont CA 94538, USA
Tel. +1 510 668-7000 – Fax. +1 510 668-7001
GENERAL DESCRIPTION
The XRP7714 is a quad-output pulse-width
modulated (PWM) step-down DC-DC controller
with a built-in LDO for standby power and
GPIOs. The device provides a complete power
management solution in one IC and is fully
programmable via an I2C serial interface.
Independent Digital Pulse Width Modulator
(DPWM) channels regulate output voltages
and provide all required protection functions
such as current limiting and over-voltage
protection.
Each output voltage can be programmed from
0.9V to 5.1V without the need of an external
voltage divider. The wide range of the
programmable DPWM switching frequency
(from 300 KHz to 1.5 MHz) enables the user to
optimize between efficiency and component
size. Input voltage range is from 4.75V to
25V.
An I2C bus interface is provided to
program the IC as well as to communicate
with the host for fault reporting and handling,
power rail parameters monitoring, etc.
The device offers a complete solution including
independently programmable: soft-start, soft-
stop, start-up delay and ramp of each PWM
regulator.
APPLICATIONS
Multi Channel Power Supplies
Audio-Video Equipments
Industrial & Telecom Equipments
Processors & DSPs Based Equipments
FEATURES
4 x 5A Channel Step Down Controller
Programmable Output Voltage 0.9V-5.1V
Programmable 1.5MHz DPWM Frequency
Integrated FET Drivers
4.75V to 5.5V and 5.5V to 25V Input
Voltage Range
Up to 6 Reconfigurable GPIO Pins
Fully Programmable via I2C Interface
Independent Digital Pulse Width
Modulator (DPWM) channels
Complete Monitoring and Reporting
Complete Power Up/Down Sequencing
Full On Board Protection
OTP, UVLO, OCP and OVP
Built-in 3.3V/5V LDO
PowerArchitect™ Design Software
Green/Halogen Free 40-pin TQFN
TYPICAL APPLICATION DIAGRAM
Fig. 1: XRP7714 Application Diagram
I2C
VOUT3
Vout1
VOUT2
LX1
Vout2
Vout3
ENABLE
Vout2
Vout4
GL4
GH4
GPIO2
C11
GPIO3
D3
LX4
Vin
C14
R2
GPIO0
C10
Vin
Vin
Vin
U1
XRP7714
AVDD
1
DVDD
2
GPIO0
3
GPIO1
4
GPIO2
5
GPIO3
6
GPIO4_SDA
7
GPIO5_SCL
8
ENABLE
9
DGND
10
PGND4
21
GL4
22
LX4
23
GH4
24
BST4
25
VCCD
26
BST2
27
GH2
28
LX2
29
GL2
30
Q4
Q3
L2
C7
C6
GH2
LX2
GL2
Q8
Q7
L4
C16
C15
GH3
GL3
LX3
Q6
Q5
L3
C13
C12
GL4
C8
GH4
LX4
GH1
GL1
LX1
C5
Vout3
Vout4
Vout1
GPIO1
SCL
SDA
Q2
Q1
L1
C2
C1
VIN: 4.75 TO 25V
C3
LDO OUT
R1
VCCA
ENABLE
VCCA
VCCD
VOUT1
GL2
LX2
GH2
Exposed Pad: DGND
C9
D2
D1
C4
VOUT4
D4
VCCD
C17
GH3
LX3
VCCD
GH1
GL3
GL1


Similar Part No. - XRP7714ILBTR-0X18-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7714ILBTR-F EXAR-XRP7714ILBTR-F Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
More results

Similar Description - XRP7714ILBTR-0X18-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com