Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XRP7714ILBTR-0X18-F Datasheet(PDF) 6 Page - Exar Corporation

Part # XRP7714ILBTR-0X18-F
Description  Quad Channel Digital PWM Step Down Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7714ILBTR-0X18-F Datasheet(HTML) 6 Page - Exar Corporation

Back Button XRP7714ILBTR-0X18-F Datasheet HTML 2Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 3Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 4Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 5Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 6Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 7Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 8Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 9Page - Exar Corporation XRP7714ILBTR-0X18-F Datasheet HTML 10Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
X
XR
RP
P7
77
71
14
4
Q
Qu
ua
ad
d C
Ch
ha
an
nn
neell D
Diig
giitta
all P
PW
WM
M S
Stteep
p D
Do
ow
wn
n C
Co
on
nttrro
olllleerr
© 2010 Exar Corporation
6/29
Rev. 1.1.4
PIN ASSIGNMENT
Fig. 3: XRP7714 Pin Assignment
PIN DESCRIPTION
Name
Pin Number
Description
VIN1
39
Power source for the internal linear regulators to generate VCCA, VDD and the Standby LDO
(LDOOUT). Place a decoupling capacitor close to the controller IC. Also used in UVLO1 fault
generation – if VIN1 falls below the user programmed limit, all channels are shut down. The
VIN1 pin needs to be tied to VIN2 on the board with a short trace.
VIN2
38
If the Vin2 pin voltage falls below the user programmed UVLO VIN2 level all channels are shut
down. The VIN2 pin needs to be tied to VIN1 on the board with a short trace.
VCCA
37
Output of the internal 5V LDO. This voltage is internally used to power analog blocks. This pin
should be bypassed with a minimum of 4.7uF to AGND
VCCD
26
Gate Drive input voltage. This is not an output voltage. This pin can be connected to VCCA to
provide power for the Gate Drive. VCCD should be connected to VCCA with the shortest
possible trace and decouple with a minimum 1µF capacitor. Alternatively, VCCD could be
connected to an external supply (not greater than 5V).
PGND14 36,31,16,21 Power Ground. Ground connection for the low side gate driver. Connect at low side FET source.
AVDD
1
Output of the internal 1.8V LDO. This pin should be bypassed with a minimum of 2.2uF to
DGND
DVDD
2
Input for powering the internal digital logic. This pin should be connected to AVDD.
DGND
10
Digital Ground. Connect this pin to the ground plane at the exposed pad with a separate trace.
AGND
11
Analog Ground. Connect this pin to the ground plane at the exposed pad with a separate trace
30
29
28
27
26
25
24
23
21
22
10
1
2
3
4
5
6
7
8
9
AVDD
DVDD
GPIO0
GPIO1
GPIO2
GPIO3
GPIO4
GPIO5
ENABLE
GL2
LX2
GH2
BST2
VCCD
BST4
GH4
LX4
GL4
PGND4
DGND
Exposed Pad: AGND
XRP7714
TQFN
6mm X 6mm


Similar Part No. - XRP7714ILBTR-0X18-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7714ILBTR-F EXAR-XRP7714ILBTR-F Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
More results

Similar Description - XRP7714ILBTR-0X18-F

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRP7708 EXAR-XRP7708_10 Datasheet
97Kb / 2P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708 Datasheet
860Kb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714 Datasheet
1Mb / 27P
   Quad Channel Digital PWM Step Down Controller
XRP7714 EXAR-XRP7714_11 Datasheet
942Kb / 29P
   Quad Channel Digital PWM Step Down Controller
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
   Quad Channel Digital PWM Step Down Controllers
XRP7713 EXAR-XRP7713_10 Datasheet
1Mb / 29P
   Three Channel Digital PWM Step Down Controller
logo
Aimtron Technology
AT1391 AIMTRON-AT1391 Datasheet
422Kb / 9P
   1- Channel Step-Down PWM Controller
logo
Advanced Analog Technol...
AAT1110 AAT-AAT1110 Datasheet
470Kb / 17P
   ONE-CHANNEL STEP-DOWN PWM CONTROLLER
logo
Texas Instruments
TPS5124 TI-TPS5124_15 Datasheet
271Kb / 18P
[Old version datasheet]   DUAL CHANNEL, SYNCHRONOUS STEP-DOWN PWM CONTROLLER
TPS5124 TI-TPS5124 Datasheet
265Kb / 16P
[Old version datasheet]   DUAL CHANNEL SYNCHRONOUS STEP DOWN PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com