Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC1324A8R Datasheet(PDF) 3 Page - SHIELD s.r.l.

Part # VC1324A8R
Description  For electrovalves, style A, 2pG or 3pG, female, field attachable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

VC1324A8R Datasheet(HTML) 3 Page - SHIELD s.r.l.

  VC1324A8R Datasheet HTML 1Page - SHIELD s.r.l. VC1324A8R Datasheet HTML 2Page - SHIELD s.r.l. VC1324A8R Datasheet HTML 3Page - SHIELD s.r.l. VC1324A8R Datasheet HTML 4Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CONNETTORI PER ELETTROVALVOLE CON TERMINALI FAST-ON
Built-in gasket of elastomeric
material on the connector
mating face for easy and
safe assembling
Crimp terminals supplied
separately on reels for
quick assembling.
Guarnizione integrata in
materiale elastomerico sul
lato frontale del connettore
per un assemblaggio facile
e sicuro
Terminali fast-on forniti
separatamente in bobine
per un assemblaggio
rapido.
M16 Thread
Filettatura M16
Guaranteed water
proof grade IP67
Protezione all'acqua
garantita grado IP67
Built-in gasket of elastomeric
material between screw and
housing
Guarnizione integrata in
materiale elastomerico tra
vite e custodia
CONNECTORS FOR ELECTROVALVES WITH CRIMP TERMINALS
EN175301-803 (ex DIN43650)
on request
a richiesta
www.shield.net
45-18
CONNECTORS | CONNETTORI version 090707


Similar Part No. - VC1324A8R

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
VC13M00950KBA AVX-VC13M00950KBA Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
VC13M00950KVJ12 AVX-VC13M00950KVJ12 Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
VC13M00950KVJ13 AVX-VC13M00950KVJ13 Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
VC13M00950KVJ14 AVX-VC13M00950KVJ14 Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
VC13M00950KVJ15 AVX-VC13M00950KVJ15 Datasheet
1Mb / 12P
   Transient Voltage Suppression, ESD Protection Devices & EMI Devices
More results

Similar Description - VC1324A8R

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
VL1102A00 SHIELD-VL1102A00 Datasheet
175Kb / 2P
   For electrovalves, style C, 2p or 3pG, female, field attachable
VN1102A00 SHIELD-VN1102A00 Datasheet
175Kb / 2P
   For electrovalves, style C-ind, 2p or 3pG, female, field attachable
VF6102A00 SHIELD-VF6102A00 Datasheet
166Kb / 2P
   For electrovalves, style B, 2pG, female, field attachable
VE6102A00 SHIELD-VE6102A00 Datasheet
188Kb / 2P
   For electrovalves, style B-ind, 2pG, female, field attachable
CL1102V00 SHIELD-CL1102V00 Datasheet
211Kb / 2P
   For electrovalves, style C, 2p or 3p G, female, with cable
CN1102V00 SHIELD-CN1102V00 Datasheet
211Kb / 2P
   For electrovalves, style C-ind, 2p or 3p G, female, with cable
CC1103V00 SHIELD-CC1103V00 Datasheet
206Kb / 2P
   For electrovalves, style A, 3pG, female, with cable
CF1102V00 SHIELD-CF1102V00 Datasheet
224Kb / 2P
   For electrovalves, style B, 2pG, female, with cable
CE1102V00 SHIELD-CE1102V00 Datasheet
237Kb / 2P
   For electrovalves, style B-ind, 2pG, female, with cable
CA1102V00 SHIELD-CA1102V00 Datasheet
256Kb / 2P
   For electrovalves, style A, 2p2G, female, with cable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com