Electronic Components Datasheet Search |
|
PAT0603H1000FST1 Datasheet(PDF) 1 Page - Vishay Siliconix |
|
PAT0603H1000FST1 Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 3 page Document Number: 60024 For technical questions, contact: thinfilm@vishay.com www.vishay.com Revision: 25-Aug-10 81 Precision Automotive Thin Film Chip Resistors, AEC-Q200 Qualified, 2 kV ESD Rating PAT Vishay Thin Film These chip resistors are available in wraparound terminations styles in 8 case sizes. They incorporate self passivated enhanced tantalum nitride resistor film to give superior performance on moisture resistance, electrostatic discharge, voltage coefficient, power handling and resistance stability. The terminations consist of an adhesion layer, a leach resistant nickel barrier, and solder coating (lead (Pb)-free). This product will out-perform all requirements of AEC-Q200. CONSTRUCTION FEATURES • Resistance range: 10 Ω to 3 MΩ • AEC-Q200 qualified • AEC-Q200 ESD rated class 1C (2 kV) • Laser trimmed to any value • Moisture resistant to MIL-STD-202, method 202 • Tantalum nitride resistor film on high purity alumina substrate • 100 % visual inspected per MIL-PRF-55342 • Laser-trimmed tolerances to ± 0.1 % • Load life stability < 0.05 % at 1000 h at 70 °C • Very low noise and voltage coefficient (< - 30 dB, < 0.1 ppm/V) • Compliant to RoHS directive 2002/95/EC TYPICAL PERFORMANCE Adhesion Layer High Purity Alumina Substrate Nickel Barrier Solder Coating Passivation Tantalum Nitride Resistive Film ABSOLUTE TCR 25 TOL. 0.1 STANDARD ELECTRICAL SPECIFICATIONS TEST SPECIFICATIONS CONDITIONS Material Tantalum nitride - Resistance Range 10 Ω to 3 MΩ - TCR: Absolute ± 25 ppm/°C to ± 100 ppm/°C - 55 °C to + 125 °C Tolerance: Absolute ± 0.1 % to ± 1.0 % + 25 °C Stability: Absolute ± 0.05 % 2000 h at 70 °C rated power Stability: Ratio Not applicable - Voltage Coefficient Less than 0.1 ppm/V - Working Voltage 75 V to 200 V - Operating Temperature Range - 55 °C to + 150 °C - Storage Temperature Range - 55 °C to + 150 °C - Noise < - 30 dB - Shelf Life Stability: Absolute 100 ppm 1 year at 25 °C COMPONENT RATINGS CASE SIZE POWER RATING (mW) WORKING VOLTAGE (V) RESISTANCE RANGE ( Ω) 0402 50 75 20 to 35K 0603 150 75 10 to 80K 0805 200 100 10 to 301K 1206 400 200 10 to 1M 1505 400 150 10 to 1M 2208 750 150 10 to 1.75M 2010 800 200 10 to 2M 2512 1000 200 10 to 3M ** Please see document “Vishay Material Category Policy”: www.vishay.com/doc?99902 |
Similar Part No. - PAT0603H1000FST1 |
|
Similar Description - PAT0603H1000FST1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |