Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-TE9 Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # MF-TE9
Description  PUR outer sheath, pvc inside, UL 300 V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MF-TE9 Datasheet(HTML) 2 Page - SHIELD s.r.l.

  MF-TE9 Datasheet HTML 1Page - SHIELD s.r.l. MF-TE9 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CABLES - CAVI
www.shield.net
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
2x0,75
MF-TK95-02XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(2+1)x0,75
MF-TK95-03GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
3x0,75
MF-TK95-03XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(3+1)x0,75
MF-TK95-04GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
4x0,75
MF-TK95-04XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(4+1)x0,75
MF-TK95-05GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
5x0,75
MF-TK95-05XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
6x0,75
MF-TK95-06XC5
5F1
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(6+1)x0,75
MF-TK95-07GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
7x0,75
MF-TK95-07XC5
5F2
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
8x0,75
MF-TK95-08XC5
5F3
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(9+1)x0,75
MF-TK95-10GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
10x0,75
MF-TK95-10XC5
5F4
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(11+1)x0,75
MF-TK95-12GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
12x0,75
MF-TK95-12XC5
5F5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
14x0,75
MF-TK95-14XC5
5F6
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(15+1)x0,75
MF-TK95-16GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
16x0,75
MF-TK95-16XC5
5F7
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(17+1)x0,75
MF-TK95-18GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
18x0,75
MF-TK95-18XC5
5F8
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
20x0,75
MF-TK95-20XC5
5F9
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
2x1,00
MF-TK96-02XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(2+1)x1,00
MF-TK96-03GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
3x1,00
MF-TK96-03XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(3+1)x1,00
MF-TK96-04GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
4x1,00
MF-TK96-04XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(4+1)x1,00
MF-TK96-05GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
6x1,00
MF-TK96-06XC5
6F1
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(6+1)x1,00
MF-TK96-07GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
7x1,00
MF-TK96-07XC5
6F2
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
8x1,00
MF-TK96-08XC5
6F3
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(9+1)x1,00
MF-TK96-10GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
10x1,00
MF-TK96-10XC5
6F4
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(11+1)x1,00
MF-TK96-12GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
12x1,00
MF-TK96-12XC5
6F5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
14x1,00
MF-TK96-14XC5
6F6
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(15+1)x1,00
MF-TK96-16GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
16x1,00
MF-TK96-16XC5
6F7
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(17+1)x1,00
MF-TK96-18GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
18x1,00
MF-TK96-18XC5
6F8
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
20x1,00
MF-TK96-20XC5
6F9
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
2x1,50
MF-TK97-02XA5
751
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(2+1)x1,50
MF-TK97-03GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
3x1,50
MF-TK97-03XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(3+1)x1,50
MF-TK97-04GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
4x1,50
MF-TK97-04XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(4+1)x1,50
MF-TK97-05GA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
5x1,50
MF-TK97-05XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
6x1,50
MF-TK97-06XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(6+1)x1,50
MF-TK97-07GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
7x1,50
MF-TK97-07XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
8x1,50
MF-TK97-08XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(9+1)x1,50
MF-TK97-10GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
10x1,50
MF-TK97-10XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
33 MF-T 2
20080908_1.pdf 47
08/09/2008 17.55.51


Similar Part No. - MF-TE9

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MF-TPE LSTD-MF-TPE Datasheet
170Kb / 2P
   Satellite communications
More results

Similar Description - MF-TE9

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
   Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
MF-HE SHIELD-MF-HE Datasheet
100Kb / 2P
   PUR outer sheath, pvc inside
MN-ST SHIELD-MN-ST Datasheet
110Kb / 2P
   PVC, UL 300 V
MP-TE SHIELD-MP-TE Datasheet
101Kb / 2P
   PVC, UL 300 V, shielded
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
   PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
   PUR, halogen free, UL 300 V
MD-EE SHIELD-MD-EE Datasheet
71Kb / 1P
   PUR, halogen free, UL 300 V
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
   PUR, pvc insulation, UL 600 V
MN-TM SHIELD-MN-TM Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
ML-RD SHIELD-ML-RD Datasheet
70Kb / 1P
   Profibus짰, UL - PUR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com