Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MD-TE92-07XC5 Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # MD-TE92-07XC5
Description  PUR, halogen free, UL 300 V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MD-TE92-07XC5 Datasheet(HTML) 2 Page - SHIELD s.r.l.

  MD-TE92-07XC5 Datasheet HTML 1Page - SHIELD s.r.l. MD-TE92-07XC5 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CABLES - CAVI
www.shield.net
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
[12x0,50]s
MD-TE94-12XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[14x0,50]s
MD-TE94-14XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(15+1)x0,50]s
MD-TE94-16GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[16x0,50]s
MD-TE94-16XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(17+1)x0,50]s
MD-TE94-18GN5
448
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[18x0,50]s
MD-TE94-18XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[20x0,50]s
MD-TE94-20XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[25x0,50]s
MD-TE94-25XC5
449
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[37x0,50]s
MD-TE94-37XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[2x0,75]s
MD-TE95-02XA5
591
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[(2+1)x0,75]s
MD-TE95-03GA5
592
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[3x0,75]s
MD-TE95-03XA5
593
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[(3+1)x0,75]s
MD-TE95-04GA5
594
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[4x0,75]s
MD-TE95-04XA5
595
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[(4+1)x0,75]s
MD-TE95-05GA5
596
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[5x0,75]s
MD-TE95-05XA5
597
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[6x0,75]s
MD-TE95-06XC5
598
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(6+1)x0,75]s
MD-TE95-07GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[7x0,75]s
MD-TE95-07XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[8x0,75]s
MD-TE95-08XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(9+1)x0,75]s
MD-TE95-10GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[10x0,75]s
MD-TE95-10XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(11+1)x0,75]s
MD-TE95-12GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[12x0,75]s
MD-TE95-12XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[14x0,75]s
MD-TE95-14XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(15+1)x0,75]s
MD-TE95-16GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[16x0,75]s
MD-TE95-16XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(17+1)x0,75]s
MD-TE95-18GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[18x0,75]s
MD-TE95-18XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[20x0,75]s
MD-TE95-20XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[2x1,00]s
MD-TE96-02XA5
691
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[(2+1)x1,00]s
MD-TE96-03GA5
692
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[3x1,00]s
MD-TE96-03XA5
693
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[(3+1)x1,00]s
MD-TE96-04GA5
694
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[4x1,00]s
MD-TE96-04XA5
695
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[(4+1)x1,00]s
MD-TE96-05GA5
696
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[5x1,00]s
MD-TE96-05XA5
300V 80°C UL-CSA
bk 9005
A
6
-40...+ 80
-30...+ 80
[6x1,00]s
MD-TE96-06XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(6+1)x1,00]s
MD-TE96-07GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[7x1,00]s
MD-TE96-07XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[8x1,00]s
MD-TE96-08XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(9+1)x1,00]s
MD-TE96-10GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[10x1,00]s
MD-TE96-10XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(11+1)x1,00]s
MD-TE96-12GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[12x1,00]s
MD-TE96-12XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[14x1,00]s
MD-TE96-14XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(15+1)x1,00]s
MD-TE96-16GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[16x1,00]s
MD-TE96-16XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[(17+1)x1,00]s
MD-TE96-18GN5
300V 80°C UL-CSA
bk 9005
N
6
-40...+ 80
-30...+ 80
[18x1,00]s
MD-TE96-18XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
[20x1,00]s
MD-TE96-20XC5
300V 80°C UL-CSA
bk 9005
C
6
-40...+ 80
-30...+ 80
MD-TEG
[4x0,34]s
MD-TEG3-04XA5
366
300V 80°C UL-CSA
gy 7001
A
6
-40...+ 80
-30...+ 80
33 MD-T 2
20080908_1.pdf 41
08/09/2008 17.55.50


Similar Part No. - MD-TE92-07XC5

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MD-TL MSYSTEM-MD-TL Datasheet
101Kb / 2P
   Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MD-TE92-07XC5

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
   PUR, halogen free, UL 300 V
MD-EE SHIELD-MD-EE Datasheet
71Kb / 1P
   PUR, halogen free, UL 300 V
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
   PUR outer sheath, pvc inside, UL 300 V
logo
PHOENIX CONTACT
1424604 PHOENIX-1424604 Datasheet
103Kb / 4P
   Our standard: robust halogen-free PUR cable
1414819 PHOENIX-1414819 Datasheet
116Kb / 5P
   Our standard: robust halogen-free PUR cable
1414806 PHOENIX-1414806 Datasheet
115Kb / 5P
   Our standard: robust halogen-free PUR cable
1414895 PHOENIX-1414895 Datasheet
115Kb / 5P
   Our standard: robust halogen-free PUR cable
1425074 PHOENIX-1425074 Datasheet
107Kb / 4P
   Our standard: robust halogen-free PUR cable
1425082 PHOENIX-1425082 Datasheet
119Kb / 4P
   Our standard: robust halogen-free PUR cable
1424594 PHOENIX-1424594 Datasheet
103Kb / 4P
   Our standard: robust halogen-free PUR cable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com