Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-TK92-16XC5 Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # MF-TK92-16XC5
Description  PUR outer sheath, pvc inside, UL 300 V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MF-TK92-16XC5 Datasheet(HTML) 1 Page - SHIELD s.r.l.

  MF-TK92-16XC5 Datasheet HTML 1Page - SHIELD s.r.l. MF-TK92-16XC5 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.shield.net
CABLES - CAVI
MF-TK
PUR outer sheath, pvc inside, UL 300 V
Description. Conductor insulation: special PVC. Internal sheath: special PVC. Outer sheath of
matt polyether polyurethane (PUR).
Application. The internal PVC sheath makes for easier cable working with respect to the
corresponding types entirely made of PUR. Very good resistance to common chemical agents
and oils (UL 1581). Flame resistance grade: UL94 horizontal flame test. Good abrasion
resistance. The cables with class 6 conductors have a good mobile laying behaviour.
Max working voltage: 300 V. Test voltage: 1500 V up to 0,25 mm2, 2000 V over.
Note to table:
(a) example: 3 = three wires; 2+1 = two wires + yellow/green earth.
(b) colours: A = brown, blue, black, white, grey; yellow/green earth if present.
C = according to IEC 60304 (former DIN 47100), see section “General Information”.
N = black with white numbers; yellow/green earth if present.
(c) norms: UL = UL recognized (United States) / CSA = CSA recognized (Canada).
PUR guaina esterna, pvc interno, UL 300 V
Descrizione. Isolante conduttori: PVC speciale. Guaina interna: PVC speciale. Guaina esterna
in poliuretano (PUR) polietere opaco.
Impiego. La guaina interna in PVC facilita la lavorazione rispetto ai tipi corrispondenti costruiti
in solo poliuretano. Ottima resistenza agli agenti chimici e agli idrocarburi comuni (UL1581).
Grado di resistenza alla fiamma: UL94 test fiamma orizzontale. Buona resistenza all’abrasione.
I cavi con conduttori in classe 6 hanno un buon comportamento in posa mobile.
Tensione massima di lavoro: 300 V. Tensione di prova: 1500 V fino a 0,25 mm2, 2000 V
oltre.
Note alla tabella:
(a) esempio: 3 = tre conduttori; 2+1 = due conduttori + terra giallo/verde.
(b) colori: A = marrone, blu, nero, bianco, grigio; terra giallo/verde se presente.
C = secondo IEC 60304 (ex DIN 47100), vedere sezione “Informazioni Generali”.
N = nero con numeri bianchi; terra giallo/verde se presente.
(c) norme: UL = certificato UL (Stati Uniti) / CSA = certificato CSA (Canada).
MF-TE
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
MF-TE9
3x0,25
MF-TE92-03XA5
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
-15...+ 80
4x0,25
MF-TE92-04XA5
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
-15...+ 80
5x0,25
MF-TE92-05XA5
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
-15...+ 80
8x0,25
MF-TE92-08XC5
300V 80°C UL-CSA
bk 9005
C
6
-25...+ 80
-15...+ 80
2x0,34
MF-TE93-02XA5
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
-15...+ 80
3x0,34
MF-TE93-03XA5
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
-15...+ 80
4x0,34
MF-TE93-04XA5
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
-15...+ 80
(4+1)x0,34
MF-TE93-05GA5
300V 80°C UL-CSA
bk 9005
A
6
-25...+ 80
-15...+ 80
8x0,34
MF-TE93-08XC5
3F3
300V 80°C UL-CSA
bk 9005
C
6
-25...+ 80
-15...+ 80
MF-TK9
10x0,25
MF-TK92-10XC5
244
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
12x0,25
MF-TK92-12XC5
247
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
14x0,25
MF-TK92-14XC5
248
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
16x0,25
MF-TK92-16XC5
237
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
18x0,25
MF-TK92-18XC5
238
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
20x0,25
MF-TK92-20XC5
239
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
25x0,25
MF-TK92-25XC5
240
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
37x0,25
MF-TK92-37XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
10x0,34
MF-TK93-10XC5
3F4
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
12x0,34
MF-TK93-12XC5
3F5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
14x0,34
MF-TK93-14XC5
3F6
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
16x0,34
MF-TK93-16XC5
3F7
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
18x0,34
MF-TK93-18XC5
3F8
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
20x0,34
MF-TK93-20XC5
3F9
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
25x0,34
MF-TK93-25XC5
3F0
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
37x0,34
MF-TK93-37XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
2x0,50
MF-TK94-02XA5
467
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(2+1)x0,50
MF-TK94-03GA5
468
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
3x0,50
MF-TK94-03XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(3+1)x0,50
MF-TK94-04GA5
403
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
4x0,50
MF-TK94-04XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
(4+1)x0,50
MF-TK94-05GA5
470
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
5x0,50
MF-TK94-05XA5
300V 80°C UL-CSA
bk 9005
A
5
-25...+ 80
6x0,50
MF-TK94-06XC5
4F1
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(6+1)x0,50
MF-TK94-07GN5
473
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
7x0,50
MF-TK94-07XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
8x0,50
MF-TK94-08XC5
4F3
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(9+1)x0,50
MF-TK94-10GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
10x0,50
MF-TK94-10XC5
4F4
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(11+1)x0,50
MF-TK94-12GN5
440
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
12x0,50
MF-TK94-12XC5
4F5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
14x0,50
MF-TK94-14XC5
4F6
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(15+1)x0,50
MF-TK94-16GN5
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
16x0,50
MF-TK94-16XC5
4F7
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
(17+1)x0,50
MF-TK94-18GN5
444
300V 80°C UL-CSA
bk 9005
N
5
-25...+ 80
18x0,50
MF-TK94-18XC5
4F8
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
20x0,50
MF-TK94-20XC5
4F9
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
25x0,50
MF-TK94-25XC5
4F0
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
37x0,50
MF-TK94-37XC5
300V 80°C UL-CSA
bk 9005
C
5
-25...+ 80
33 MF-T 1
20080908_1.pdf 46
08/09/2008 17.55.51


Similar Part No. - MF-TK92-16XC5

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
MF-TPE LSTD-MF-TPE Datasheet
170Kb / 2P
   Satellite communications
More results

Similar Description - MF-TK92-16XC5

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
   Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
MF-HE SHIELD-MF-HE Datasheet
100Kb / 2P
   PUR outer sheath, pvc inside
MN-ST SHIELD-MN-ST Datasheet
110Kb / 2P
   PVC, UL 300 V
MP-TE SHIELD-MP-TE Datasheet
101Kb / 2P
   PVC, UL 300 V, shielded
MC-OE SHIELD-MC-OE Datasheet
111Kb / 2P
   PUR, halogen free, UL 300 V
MD-TE SHIELD-MD-TE Datasheet
110Kb / 2P
   PUR, halogen free, UL 300 V
MD-EE SHIELD-MD-EE Datasheet
71Kb / 1P
   PUR, halogen free, UL 300 V
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
   PUR, pvc insulation, UL 600 V
MN-TM SHIELD-MN-TM Datasheet
70Kb / 1P
   PVC, UL 300 V, cold resistant (- 40째C)
ML-RD SHIELD-ML-RD Datasheet
70Kb / 1P
   Profibus짰, UL - PUR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com