Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-HK94-04GA5 Datasheet(PDF) 2 Page - SHIELD s.r.l.

Part # MF-HK94-04GA5
Description  PUR outer sheath, pvc inside
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MF-HK94-04GA5 Datasheet(HTML) 2 Page - SHIELD s.r.l.

  MF-HK94-04GA5 Datasheet HTML 1Page - SHIELD s.r.l. MF-HK94-04GA5 Datasheet HTML 2Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CABLES - CAVI
www.shield.net
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
MF-HKG
2x0,75
MF-HKG5-02XA5
LiYY11Y
gy 7001
A
5
-25...+ 80
(2+1)x0,75
MF-HKG5-03GN5
520
LiYY11Y
gy 7001
N
5
-25...+ 80
3x0,75
MF-HKG5-03XA5
LiYY11Y
gy 7001
A
5
-25...+ 80
(3+1)x0,75
MF-HKG5-04GA5
524
LiYY11Y
gy 7001
A
5
-25...+ 80
4x0,75
MF-HKG5-04XA5
LiYY11Y
gy 7001
A
5
-25...+ 80
(4+1)x0,75
MF-HKG5-05GA5
LiYY11Y
gy 7001
A
5
-25...+ 80
33 MF-H 2
20080908_1.pdf 43
08/09/2008 17.55.51


Similar Part No. - MF-HK94-04GA5

ManufacturerPart #DatasheetDescription
logo
JMK Inc.
MF-0637A-50BL JMK-MF-0637A-50BL Datasheet
100Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 50 Amperes
MF-0637A-50BR JMK-MF-0637A-50BR Datasheet
36Kb / 1P
   This EMI / RFI filter features a very small mechanical package.
MF-0637A-60BL JMK-MF-0637A-60BL Datasheet
100Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
MF-0637A-60BR JMK-MF-0637A-60BR Datasheet
61Kb / 1P
   Operating Voltage = 48 Vdc Operating Current = 60 Amperes
logo
Willow Technologies Ltd
MF-100 WILLOW-MF-100 Datasheet
118Kb / 2P
   GENERAL PURPOSE METAL FILM RESISTORS
More results

Similar Description - MF-HK94-04GA5

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
   PUR outer sheath, pvc inside, UL 300 V
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
   Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
MF-RK SHIELD-MF-RK Datasheet
65Kb / 1P
   PUR / PVC, approved ADR
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
   PUR, pvc insulation, UL 600 V
logo
Pomona Electronics
6728 POMONA-6728 Datasheet
48Kb / 1P
   Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
logo
3M Electronics
6728-0 3M-6728-0 Datasheet
48Kb / 1P
   Adapter, Standard Sheath Banana Jack to Non-Sheath Banana Plug
logo
Fuji Electric
EDS2-9B FUJI-EDS2-9B Datasheet
75Kb / 4P
   SHEATH TYPE THERMOCOUPLE
logo
Pomona Electronics
6729 POMONA-6729 Datasheet
142Kb / 3P
   Sheath Banana Plug
logo
Littelfuse
00200400 LITTELFUSE-00200400 Datasheet
93Kb / 1P
   ADR Cables ??Polyurethane sheath material
logo
API Technologies Corp
7006-1 APITECH-7006-1 Datasheet
499Kb / 1P
   Inside DC Block
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com