Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX811-XXUG-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # APX811-XXUG-7
Description  4-Pin Microprocessor Supervisor With Manual Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX811-XXUG-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button APX811-XXUG-7 Datasheet HTML 2Page - Diodes Incorporated APX811-XXUG-7 Datasheet HTML 3Page - Diodes Incorporated APX811-XXUG-7 Datasheet HTML 4Page - Diodes Incorporated APX811-XXUG-7 Datasheet HTML 5Page - Diodes Incorporated APX811-XXUG-7 Datasheet HTML 6Page - Diodes Incorporated APX811-XXUG-7 Datasheet HTML 7Page - Diodes Incorporated APX811-XXUG-7 Datasheet HTML 8Page - Diodes Incorporated APX811-XXUG-7 Datasheet HTML 9Page - Diodes Incorporated APX811-XXUG-7 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
APX811/812
4-Pin Microprocessor Supervisor With Manual Reset
APX811/812 Rev. 2
7 of 10
OCTOBER 2009
DS31960
www.diodes.com
© Diodes Incorporated
Application Information
A microprocessor’s (µP’s) reset input starts the µP in a known state. The APX811/812 asserts reset to prevent code-execution errors
during power-up, power-down, or brownout conditions. They assert a reset signal whenever the VCC supply voltage declines below a
preset threshold or the
MR pin is brought low, keeping it asserted for at least 240ms after VCC has risen above the reset threshold. The
APX811/812 have a push-pull output stage.
The APX811/812 reset output is guaranteed to be logic low for the APX811 and high the APX812 for VCC > 1V. Once VCC exceeds the
reset threshold, an internal timer keeps RESET output low (and RESET high for the APX812) for the reset timeout period. After this
interval, the APX811’s RESET output goes high (APX812’s RESET output goes low). If a brownout condition occurs (VCC dips below the
reset threshold), the APX811’s RESET output goes low (APX812’s RESET output goes high). Any time VCC goes below the reset
threshold, the internal timer resets to zero, and RESET goes low (RESET goes high). The internal timer starts after VCC returns above
the reset threshold, and RESET remains low (RESET remains high) for the reset timeout period.
Ensuring a Valid Reset Output Down to VCC = 0
When VCC falls below 1V, the APX811 RESET no longer sinks current-— it becomes an open circuit. Therefore, high-impedance
CMOS logic inputs connected to RESET can drift to undetermined voltages. This presents no problem in most applications since most
µP and other circuitry is inoperative with VCC below 1V. However, in applications where RESET must be valid down to 0V, adding a pull
down resistor to RESET causes any stray leakage currents to flow to ground, holding RESET low. R1’s value is not critical; 100k is
large enough not to load RESET and small enough to pull RESET to ground.
For the APX812 if RESET is required to remain valid for VCC < 1V then a 100kΩ pull-up resistor between RESET and VCC is
recommended.
Benefits of Highly Accurate Reset Threshold
Most µP supervisor ICs has reset threshold voltages between 5% and 10% below the value of nominal supply voltages. This ensures a
reset will not occur within 5% of the nominal supply, but will occur when the supply is 10% below nominal. When using ICs rated at only
the nominal supply ±5%, this leaves a zone of uncertainty where the supply is between 5% and 10% low, and where the reset may or may
not be asserted.


Similar Part No. - APX811-XXUG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX811-23UG-7 DIODES-APX811-23UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
APX811-26UG-7 DIODES-APX811-26UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
APX811-29UG-7 DIODES-APX811-29UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
APX811-31UG-7 DIODES-APX811-31UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
APX811-40UG-7 DIODES-APX811-40UG-7 Datasheet
223Kb / 2P
   Tiny microprocessor supervisors with manual reset
More results

Similar Description - APX811-XXUG-7

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM811 ALSC-ASM811 Datasheet
229Kb / 10P
   4 Pin P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
IMP, Inc
IMP811 IMP-IMP811 Datasheet
140Kb / 8P
   4-pin 關P Voltage Supervisor with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
logo
ON Semiconductor
CAT811 ONSEMI-CAT811 Datasheet
235Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
Doc. No. MD-3005 Rev. U
CAT811RTBI ONSEMI-CAT811RTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_08 Datasheet
228Kb / 11P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
logo
ON Semiconductor
CAT811LTBI ONSEMI-CAT811LTBI Datasheet
118Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
October, 2012 ??Rev. 2
logo
Catalyst Semiconductor
CAT811 CATALYST-CAT811_05 Datasheet
92Kb / 9P
   4-Pin Microprocessor Power Supply Supervisors with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com