Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90420G Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90420G
Description  16-Bit Original Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90420G Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90420G_08 Datasheet HTML 4Page - Fujitsu Component Limited. MB90420G_08 Datasheet HTML 5Page - Fujitsu Component Limited. MB90420G_08 Datasheet HTML 6Page - Fujitsu Component Limited. MB90420G_08 Datasheet HTML 7Page - Fujitsu Component Limited. MB90420G_08 Datasheet HTML 8Page - Fujitsu Component Limited. MB90420G_08 Datasheet HTML 9Page - Fujitsu Component Limited. MB90420G_08 Datasheet HTML 10Page - Fujitsu Component Limited. MB90420G_08 Datasheet HTML 11Page - Fujitsu Component Limited. MB90420G_08 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 88 page
background image
MB90420G/425G Series
8
DS07-13711-5E
(Continued)
Pin no.
Symbol
Circuit
type
Description
LQFP
QFP
92
94
P11
G
General purpose input/output port.
TOT0
16-bit reload timer ch.0 TOT output pin.
WOT
Real-time watch timer WOT output pin.
93
95
P12
G
General purpose input/output port.
TIN0
16-bit reload timer ch.0 TIN output pin.
IN3
Input capture ch.3 trigger input pin.
94 to 96
96 to 98
P13 to P15
G
General purpose input/output ports.
IN2 to IN0
Input capture ch.0-2 trigger input pins.
97 to 100
99 to 100,
1 to 2
COM0 to
COM3
I
LCD controller/driver common output pins.
1 to 8,
10 to 13
3 to 10,
12 to 15
SEG0 to
SEG11
I
LCD controller/driver segment output pins.
14 to 15
16 to 17
P36 to P37
E
General purpose output ports.
SEG12 to
SEG13
LCD controller/driver segment output pins.
16 to 20,
22 to 24
18 to 22,
24 to 26
P40 to P47
E
General purpose input output ports.
SEG14 to
SEG21
LCD controller/driver segment output pins.
26, 27
28, 29
P90, P91
E
General purpose input output ports.
SEG22,
SEG23
LCD controller/driver segment output pins.
34
36
P50
G
General purpose input output ports.
INT0
INT0 external interrupt input pin.
ADTG
A/D converter external trigger input pin.
36 to 39,
41 to 44
38 to 41,
43 to 46
P60 to P67
F
General purpose input output ports.
AN0 to
AN7
A/D converter input pins.
45
47
P51
G
General purpose input output port.
INT1
INT1 external interrupt input pin.
(RX1 *1)
CAN interface 1 RX intput pin.
46
48
P52
G
General purpose input output port.
INT2
INT2 external interrupt input pin.
(TX1 *1)
CAN interface 1 TX output pin.
50
52
P53
G
General purpose input output port.
INT3
INT3 external interrupt input pin.


Similar Part No. - MB90420G_08

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90420G FUJITSU-MB90420G_04 Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
More results

Similar Description - MB90420G_08

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90423G FUJITSU-MB90423G Datasheet
1Mb / 99P
   16-Bit Original Microcontroller
MB90425G FUJITSU-MB90425G Datasheet
1Mb / 88P
   16-Bit Original Microcontroller
MB90M405 FUJITSU-MB90M405_05 Datasheet
572Kb / 64P
   16-Bit Original Microcontroller
MB90420G FUJITSU-MB90420G_04 Datasheet
884Kb / 84P
   16-Bit Original Microcontroller
logo
Toshiba Semiconductor
TMP91FY42FG TOSHIBA-TMP91FY42FG Datasheet
2Mb / 332P
   Original CMOS 16-Bit Microcontroller
TMP92C820FG TOSHIBA-TMP92C820FG Datasheet
2Mb / 382P
   Original CMOS 16-Bit Microcontroller
TMP91C829 TOSHIBA-TMP91C829 Datasheet
1Mb / 204P
   Original CMOS 16-Bit Microcontroller
TMP91CW12A TOSHIBA-TMP91CW12A Datasheet
357Kb / 28P
   Original CMOS 16-Bit Microcontroller
TMP91CY22IFG TOSHIBA-TMP91CY22IFG Datasheet
340Kb / 24P
   Original CMOS 16-Bit Microcontroller
TMP91FY28 TOSHIBA-TMP91FY28 Datasheet
441Kb / 60P
   Original CMOS 16-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com