Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F337 Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F337
Description  16-bit microcontrollers
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F337 Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F337 Datasheet HTML 1Page - Fujitsu Component Limited. MB90F337 Datasheet HTML 2Page - Fujitsu Component Limited. MB90F337 Datasheet HTML 3Page - Fujitsu Component Limited. MB90F337 Datasheet HTML 4Page - Fujitsu Component Limited. MB90F337 Datasheet HTML 5Page - Fujitsu Component Limited. MB90F337 Datasheet HTML 6Page - Fujitsu Component Limited. MB90F337 Datasheet HTML 7Page - Fujitsu Component Limited. MB90F337 Datasheet HTML 8Page - Fujitsu Component Limited. MB90F337 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
MB90335 Series
4
DS07-13735-6E
■ PRODUCT LINEUP
* : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used. Please refer to
the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply Switching) about details.
■ PACKAGES AND PRODUCT MODELS
: Yes
: No
Note : See “
■ PACKAGE DIMENSIONS” for details.
Part number
MB90V330A
MB90F337
MB90337
Type
For evaluation
Built-in Flash Memory
Built-in MASK ROM
ROM capacity
No
64 Kbytes
RAM capacity
28 Kbytes
4 Kbytes
Emulator-specific
power supply *
Used bit
CPU functions
Number of basic instructions
Minimum instruction
execution time
Addressing type
Program Patch Function
Maximum memory space
: 351 instructions
: 41.7 ns / at oscillation of 6 MHz
(When 4 times are used : Machine clock of 24 MHz)
: 23 types
: For 2 address pointers
: 16 Mbytes
Ports
I/O Ports(CMOS) Max 45 ports
UART
Equipped with full-duplex double buffer
Clock synchronous or asynchronous operation selectable.
It can also be used for I/O serial.
Built-in special baud-rate generator
Built-in 2 channels
16-bit reload timer
16-bit reload timer operation
Built-in 1 channel
Multi-functional timer
8/16-bit PPG timer (8-bit mode
× 4 channels, 16-bit mode × 2 channels)
16-bit PWC timer
× 1 channel
DTP/External interrupt
8 channels
Interrupt factor : “L”
→“H” edge /“H”→“L” edge /“L” level /“H” level selectable
I2C
1 channel
Extended I/O serial interface 1 channel
USB
1 channel
USB function (supports USB Full Speed)
USB HOST function
Withstand voltage of 5 V
8 ports (Excluding UTEST and I/O for I2C)
Low Power Consumption
Mode
Sleep mode/Timebase timer mode/Stop mode/CPU intermittent mode
Process
CMOS
Operating voltage VCC
3.3 V
± 0.3 V (at maximum machine clock 24 MHz)
Package
MB90337
MB90F337
MB90V330A
FPT-64P-M23 (LQFP)
PGA-299C-A01 (PGA)


Similar Part No. - MB90F337

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F337 FUJITSU-MB90F337 Datasheet
292Kb / 48P
   16-bit Microcontroller
logo
Fuji Electric
MB90F337PFM FUJI-MB90F337PFM Datasheet
459Kb / 84P
   16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90F337PMC FUJITSU-MB90F337PMC Datasheet
292Kb / 48P
   16-bit Microcontroller
More results

Similar Description - MB90F337

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90350E FUJITSU-MB90350E_08 Datasheet
2Mb / 92P
   16-bit Microcontrollers
logo
InnovASIC, Inc
IA80C186 INNOVASIC-IA80C186 Datasheet
22Kb / 2P
   16-BIT MICROCONTROLLERS
IA188ES INNOVASIC-IA188ES Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S12DJ256FS FREESCALE-MC9S12DJ256FS Datasheet
82Kb / 2P
   16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com