Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F394HAPMCR Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB90F394HAPMCR
Description  16-bit Proprietary Microcontroller
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F394HAPMCR Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90F394HAPMCR Datasheet HTML 1Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 2Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 3Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 4Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 5Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 6Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 7Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 8Page - Fujitsu Component Limited. MB90F394HAPMCR Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 72 page
background image
MB90390 Series
DS07-13723-8Ea
5
(Continued)
*1 : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply
Switching) about details.
*2 : This value comes from the technology qualification (using Arrehenius equation to translate high temperature
measurements into normalized value at +85
°C)
Part Number
Parameter
MB90394HA
MB90F394HA
MB90F395HA
MB90V390HB
I/O Ports
Virtually all external pins can be used as general purpose I/O
All push-pull outputs
Bit-wise programmable as input/output or peripheral signal
Port-wise programmable as CMOS Hysteresis or automotive Hysteresis inputs (default)
Clock Modulator
Spread spectrum clock modulator for reducing electromagnetic emissions.
Frequency and Phase Modulation modes.
Flash
Memory
Supports automatic programming,
Embedded Algorithm
Write/Erase/Erase-Suspend/Resume
commands
A flag indicating completion of the algorithm
Number of erase cycles : 10,000 times
Data retention time : 20 years*2
Hard-wired reset vector available in order to
point to a fixed boot sector in Flash Memory
Boot block configuration
Erase can be performed on each block
Block protection with external programming
voltage


Similar Part No. - MB90F394HAPMCR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F394HAPMT FUJITSU-MB90F394HAPMT Datasheet
930Kb / 71P
   16-bit Proprietary Microcontroller
MB90F394HAPMT FUJITSU-MB90F394HAPMT Datasheet
403Kb / 72P
   16-bit Microcontroller
More results

Similar Description - MB90F394HAPMCR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com