Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90443GPF Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90443GPF
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90443GPF Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90443GPF Datasheet HTML 1Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 2Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 3Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 4Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 5Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 6Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 7Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 8Page - Fujitsu Component Limited. MB90443GPF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
MB90440G Series
2
DS07-13716-3E
■ FEATURES
• Clock
Internal PLL clock multiplication circuit
Base oscillation divided into two or multiplied by one to four
Minimum execution time : 62.5 ns (4 MHz oscillation, PLL clock multiplication multiplier
= 4, VCC = 5.0 V)
32 kHz subsystem clock
• Instruction set optimized for controller applications
Supported data types : bit, byte, word, and long-word types
Standard addressing modes : 23 types
Singed multiplication/division and extended RET1 instructions
32-bit accumulator enhancing high-precision operations
• Enhanced high level language (C) and multi-tasking support instructions
Use of a system stack pointer
Symmetrical instruction set and barrel shift instructions
• Program patch function (for two address pointers)
• Enhanced execution speed : 4 byte instruction queue
• Enhanced interrupt function : 8 priority levels programmable and 34 causes
• Automatic data transmission function independent of CPU operation
Extended intelligent I/O service function (EI2OS)
• Internal ROM size and type
FLASH ROM : 128 Kbytes
Internal RAM size : 6 Kbyte and 14 Kbyte (evaluation chip)
• FLASH ROM
Supports automatic programming function, Embedded Algorithm
Writing command/erase command/erase suspend and resume command
Algorithms completion flag
Hardwire reset vector to show the fixed boot code sector
Can be erased by each sector
Sector protection by external programming voltage
• Low-power consumption (stand-by) modes
Sleep mode (CPU operating clock stops)
Stop mode (Main oscillation stops)
CPU intermittent operation mode
Watch mode
Time-base timer mode
• General-purpose I/O ports : 81 ports
• Timers
Watchdog timer : 1 channel
8/16-bit PPG timer : 8/16-bit
× 4 channels
16-bit reload timer : 2 channels
(Continued)


Similar Part No. - MB90443GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90443GPF FUJITSU-MB90443GPF Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90443GPF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com