Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90478 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90478
Description  16-Bit Proprietary Microcontroller
Download  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90478 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90478 Datasheet HTML 6Page - Fujitsu Component Limited. MB90478 Datasheet HTML 7Page - Fujitsu Component Limited. MB90478 Datasheet HTML 8Page - Fujitsu Component Limited. MB90478 Datasheet HTML 9Page - Fujitsu Component Limited. MB90478 Datasheet HTML 10Page - Fujitsu Component Limited. MB90478 Datasheet HTML 11Page - Fujitsu Component Limited. MB90478 Datasheet HTML 12Page - Fujitsu Component Limited. MB90478 Datasheet HTML 13Page - Fujitsu Component Limited. MB90478 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 118 page
background image
MB90470 Series
10
(Continued)
LQFP : FPT-100P-M05 package
QFP : FPT-100P-M06 package
Pin no.
Pin name
Circuit
type
Description
LQFP
QFP
18
20
P42
G
(CMOS/H)
General purpose input/output port.
A10
In non-multibus bus mode, this pin functions as an external
address pin.
SCK2
Single serial I/O clock input/output pin
19
20
21
22
P43, P44
F
(CMOS)
General purpose input/output ports.
A11, A12
In non-multibus bus mode, this pin functions as an external
address pin.
MT00, MT01
µPG input pins
22
24
P45
G
(CMOS/H)
General purpose input/output ports.
A13
In non-multibus bus mode, this pin functions as an external
address pin.
EXTC
µPG input pin
23
24
25
26
P46, P47
F
(CMOS)
General purpose input/output ports.
A14, A15
In non-multibus bus mode, this pin functions as an external
address pin.
OUT4/OUT5
Output compare event output pins
68
70
P50
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the ALE pin
ALE
In external bus mode, this pin functions as the address load
enable signal (ALE) pin
69
71
P51
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the RD pin.
RD
In external bus mode, this pin functions as the read strobe
output (RD) pin.
70
72
P52
D
(CMOS)
General purpose input/output port. In external bus mode, this
pin functions as the WRL pin when the WRE bit in the EPCR
register is set to “1”.
WRL
In external bus mode, this pin functions as the lower data write
strobe output (WRL) pin. When the WRE bit in the EPCR
register is set to “0”,this pin functions as a general purpose
input/output port.
71
73
P53
D
(CMOS)
General purpose input/output port. In external bus mode with
16-bit bus width, this pin functions as the WRH pin when the
WRE bit in the EPCR register is set to “1”.
WRH
In external bus mode with 16-bit bus width, this pin functions
as the higher data write strobe output (WRH) pin. When the
WRE bit in the EPCR register is set to “0”,this pin functions as
a general purpose input/output port.


Similar Part No. - MB90478

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90478 FUJITSU-MB90478 Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
MB90478PF FUJITSU-MB90478PF Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
MB90478PFV FUJITSU-MB90478PFV Datasheet
1Mb / 118P
   16-Bit Proprietary Microcontroller
More results

Similar Description - MB90478

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com