Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTP08N50D2 Datasheet(PDF) 5 Page - IXYS Corporation

Part # IXTP08N50D2
Description  Depletion Mode MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTP08N50D2 Datasheet(HTML) 5 Page - IXYS Corporation

  IXTP08N50D2 Datasheet HTML 1Page - IXYS Corporation IXTP08N50D2 Datasheet HTML 2Page - IXYS Corporation IXTP08N50D2 Datasheet HTML 3Page - IXYS Corporation IXTP08N50D2 Datasheet HTML 4Page - IXYS Corporation IXTP08N50D2 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
IXYS REF: T_08N50D2(1C)8-14-09
IXTY08N50D2 IXTA08N50D2
IXTP08N50D2
Fig. 17. Maximum Transient Thermal Impedance
0.1
1.0
10.0
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
Fig. 14. Gate Charge
-5
-4
-3
-2
-1
0
1
2
3
4
5
0246
8
10
12
14
QG - NanoCoulombs
VDS = 250V
I D = 400mA
I G = 1mA
Fig. 13. Capacitance
1
10
100
1,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 15. Forward-Bias Safe Operating Area
@ TC = 25ºC
0.01
0.10
1.00
10.00
10
100
1,000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
1ms
100µs
RDS(on) Limit
10ms
100ms
DC
25µs
Fig. 16. Forward-Bias Safe Operating Area
@ TC = 75ºC
0.01
0.10
1.00
10.00
10
100
1,000
VDS - Volts
TJ = 150ºC
TC = 75ºC
Single Pulse
25µs
1ms
100µs
RDS(on) Limit
10ms
100ms
DC


Similar Part No. - IXTP08N50D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTP08N50D2 IXYS-IXTP08N50D2 Datasheet
283Kb / 7P
   N-Channel MOSFET
More results

Similar Description - IXTP08N50D2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTA6N50D2 IXYS-IXTA6N50D2 Datasheet
193Kb / 5P
   Depletion Mode MOSFET
IXTY1R6N100D2 IXYS-IXTY1R6N100D2 Datasheet
184Kb / 5P
   Depletion Mode MOSFET
IXTT2N170D2 IXYS-IXTT2N170D2 Datasheet
159Kb / 5P
   Depletion Mode MOSFET
IXTA3N50D2 IXYS-IXTA3N50D2 Datasheet
173Kb / 5P
   Depletion Mode MOSFET
IXTY1R6N50D2 IXYS-IXTY1R6N50D2 Datasheet
185Kb / 5P
   Depletion Mode MOSFET
IXTH10N100D2 IXYS-IXTH10N100D2 Datasheet
165Kb / 5P
   Depletion Mode MOSFET
IXTY08N100D2 IXYS-IXTY08N100D2 Datasheet
183Kb / 5P
   Depletion Mode MOSFET
IXTP08N100D2 IXYS-IXTP08N100D2 Datasheet
183Kb / 5P
   Depletion Mode MOSFET
IXTH16N10D2 IXYS-IXTH16N10D2 Datasheet
178Kb / 5P
   Depletion Mode MOSFET
IXTT16N20D2 IXYS-IXTT16N20D2 Datasheet
178Kb / 6P
   Depletion Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com