Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90439PF Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # MB90439PF
Description  16-bit Proprietary Microcontroller
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90439PF Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  MB90439PF Datasheet HTML 1Page - Fujitsu Component Limited. MB90439PF Datasheet HTML 2Page - Fujitsu Component Limited. MB90439PF Datasheet HTML 3Page - Fujitsu Component Limited. MB90439PF Datasheet HTML 4Page - Fujitsu Component Limited. MB90439PF Datasheet HTML 5Page - Fujitsu Component Limited. MB90439PF Datasheet HTML 6Page - Fujitsu Component Limited. MB90439PF Datasheet HTML 7Page - Fujitsu Component Limited. MB90439PF Datasheet HTML 8Page - Fujitsu Component Limited. MB90439PF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
FUJITSU MICROELECTRONICS
DATA SHEET
Copyright©2002-2008 FUJITSU MICROELECTRONICS LIMITED All rights reserved
2008.8
The information for microcontroller supports is shown in the following homepage.
Be sure to refer to the "Check Sheet" for the latest cautions on development.
"Check Sheet" is seen at the following support page
"Check Sheet" lists the minimal requirement items to be checked to prevent problems beforehand in
system development.
http://edevice.fujitsu.com/micom/en-support/
16-bit Proprietary Microcontroller
CMOS
F2MC-16LX MB90435 Series
MB90437L (S) /438L (S) /F438L (S)
MB90439 (S) /F439 (S) /V540G
■ DESCRIPTION
The MB90435 series with FLASH ROM is specially designed for industrial applications.
The instruction set by F2MC-16LX CPU core inherits an AT architecture of the F2MC* family with additional
instruction sets for high-level languages, extended addressing mode, enhanced multiplication/division instruc-
tions, and enhanced bit manipulation instructions.The micro controller has a 32-bit accumulator for processing
long word data.
The MB90435 series has peripheral resources of 8/10-bit A/D converters, UART (SCI) , extended I/O serial
interfaces, 8/16-bit timer, I/O timer (input capture (ICU) , output compare (OCU) ) .
* : F2MC is the abbreviation of FUJITSU Flexible Microcontroller.
■ FEATURES
•Clock
Embedded PLL clock multiplication circuit
Operating clock (PLL clock) can be selected from : divided-by-2 of oscillation or one to four times the oscillation
Minimum instruction execution time : 62.5 ns (operation at oscillation of 4 MHz, four times the oscillation clock,
VCC of 5.0 V)
Subsystem Clock : 32 kHz
(Continued)
DS07-13727-2E


Similar Part No. - MB90439PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90439PF FUJITSU-MB90439PF Datasheet
629Kb / 58P
   16-bit Proprietary Microcontroller
logo
Cypress Semiconductor
MB90439PF CYPRESS-MB90439PF Datasheet
704Kb / 61P
   16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90439PFV FUJITSU-MB90439PFV Datasheet
629Kb / 58P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90439PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com