Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F463APF Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F463APF
Description  16-bit Proprietary Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F463APF Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F463APF Datasheet HTML 1Page - Fujitsu Component Limited. MB90F463APF Datasheet HTML 2Page - Fujitsu Component Limited. MB90F463APF Datasheet HTML 3Page - Fujitsu Component Limited. MB90F463APF Datasheet HTML 4Page - Fujitsu Component Limited. MB90F463APF Datasheet HTML 5Page - Fujitsu Component Limited. MB90F463APF Datasheet HTML 6Page - Fujitsu Component Limited. MB90F463APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90F463APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90F463APF Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
MB90460/465 Series
4
DS07-13714-2E
■ PRODUCT LINEUP
(Continued)
Item
Part number
MB90V460
MB90F462
MB90F462A MB90F463A
MB90462
MB90467
Series
MB90460 series
MB90465
series
Classification
Development/
evaluation
product
Mass-produced products
(Flash ROM)
Mass-produced products
(Mask ROM)
ROM size
64 KBytes
128 KBytes
64 KBytes
RAM size
8 KBytes
2 KBytes
CPU function
Number of Instruction : 351
Minimum execution time : 62.5 ns / 4 MHz (PLL
× 4)
Addressing mode : 23
Data bit length : 1, 8, 16 bits
Maximum memory space : 16 MBytes
I/O port
I/O port (CMOS) : 51
PWC
Pulse width counter timer : 2 channels
Pulse width
counter timer
: 1ch
Timer function (select the counter timer from three internal clocks)
Various Pulse width measuring function (H pulse width, L pulse width, rising edge to
falling edge period, falling edge to rising edge period, rising edge to rising edge period
and falling edge to falling edge period)
UART
UART : 2 channels
With full-duplex double buffer (8-bit length)
Clock asynchronized or clock synchronized transmission (with start and stop bits) can
be selectively used
Transmission can be one-to-one (bi-directional communication) or one-to-n (Master-
Slave communication)
16-bit reload timer
Reload timer : 2 channels
Reload mode, single-shot mode or event count mode selectable
Can be worked with a multi-pulse generator or individually (MB90460 series only)
16-bit PPG timer
PPG timer : 3 channels
PPG timer :
2ch
PWM mode or single-shot mode selectable
Can be worked with multi-functional timer / multi-pulse generator (MB90460 series
only) or individually
Multi-functional
timer
(for AC/DC
motor control)
16-bit free-running timer with up or up/down mode selection and buffer : 1 channel
16-bit output compare : 6 channels
16-bit input capture : 4 channels
16-bit PPG timer : 1 channel
Waveform generator (16-bit timer : 3 channels, 3-phase waveform or dead time)
Multi-pulse
generator
(for DC motor control)
16-bit PPG timer : 1 channel
Waveform sequencer (includes 16-bit timer with buffer and compare
clear function)
Not present
16-bit reload timer operation (toggle output, one shot output selectable)
Event counter function : 1 channel built-in
8/10-bit A/D
converter
8/10-bit resolution (8 channels)
Conversion time : Min. 6.13
µs (16 MHz internal clock)


Similar Part No. - MB90F463APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F463APF FUJITSU-MB90F463APF Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F463APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com