Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F356TEPMC Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90F356TEPMC
Description  16-bit Microcontrollers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F356TEPMC Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90F356TEPMC Datasheet HTML 4Page - Fujitsu Component Limited. MB90F356TEPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB90F356TEPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB90F356TEPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90F356TEPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90F356TEPMC Datasheet HTML 9Page - Fujitsu Component Limited. MB90F356TEPMC Datasheet HTML 10Page - Fujitsu Component Limited. MB90F356TEPMC Datasheet HTML 11Page - Fujitsu Component Limited. MB90F356TEPMC Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
MB90350E Series
8
DS07-13744-4E
(Continued)
* : It is setting of Jumper switch (TOOL VCC) when Emulator (MB2147-01) is used.
Please refer to the Emulator hardware manual about details.
Part Number
Parameter
MB90351E
MB90352E
MB90351TE
MB90352TE
MB90351ES
MB90352ES
MB90351TES
MB90352TES
MB90V340E-
101
MB90V340E-
102
16-bit output
compare
4 channels
8 channels
Signals an interrupt when 16-bit free-run Timer matches output compare registers.
A pair of compare registers can be used to generate an output signal.
16-bit input capture
6 channels
8 channels
Retains 16-bit free-run timer value by (rising edge, falling edge, or the both edges), signals
an interrupt.
8/16-bit
programmable pulse
generator
6 channels (16-bit)/10 channels (8-bit)
8-bit reload counters
× 12
8-bit reload registers for L pulse width
× 12
8-bit reload registers for H pulse width
× 12
8 channels (16-bit)/
16 channels (8-bit)
8-bit reload counters
× 16
8-bit reload registers for
L pulse width
× 16
8-bit reload registers for
H pulse width
× 16
Supports 8-bit and 16-bit operation modes.
A pair of 8-bit reload counters can be configured as one 16-bit reload counter or as
8-bit prescaler
+ 8-bit reload counter.
Operation clock frequency : fsys, fsys/21, fsys/22, fsys/23, fsys/24 or 128
µs@fosc = 4 MHz
(fsys
= Machine clock frequency, fosc = Oscillation clock frequency)
CAN interface
1 channel
3 channels
Compliant with CAN standard Version 2.0 Part A and Part B.
Automatic re-transmission in case of error
Automatic transmission responding to Remote Frame
16 prioritized message buffers for data and ID
Supports multiple messages.
Flexible configuration of acceptance filtering :
Full bit compare/Full bit mask/Two partial bit masks
Supports up to 1 Mbps.
External interrupt
8 channels
16 channels
Can be used rising edge, falling edge, starting up by “H”/“L” level input, external interrupt,
extended intelligent I/O services (EI2OS) and DMA.
D/A converter
2 channels
I/O ports
Virtually all external pins can be used as general purpose I/O port.
All push-pull outputs
Bit-wise settable as input/output or peripheral signal
Settable as CMOS schmitt trigger/ automotive inputs
TTL input level settable for external bus (only for external bus pin)
Flash memory
Corresponding
evaluation name
MB90V340E-102
MB90V340E-101


Similar Part No. - MB90F356TEPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F356TEPMC FUJITSU-MB90F356TEPMC Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
logo
Cypress Semiconductor
MB90F356TEPMC CYPRESS-MB90F356TEPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90F356TEPMC1 FUJITSU-MB90F356TEPMC1 Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
logo
Cypress Semiconductor
MB90F356TEPMC1 CYPRESS-MB90F356TEPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90F356TEPMC

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA80C186 INNOVASIC-IA80C186 Datasheet
22Kb / 2P
   16-BIT MICROCONTROLLERS
IA188ES INNOVASIC-IA188ES Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S12DJ256FS FREESCALE-MC9S12DJ256FS Datasheet
82Kb / 2P
   16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
MB90335 FUJITSU-MB90335_10 Datasheet
284Kb / 48P
   16-bit microcontrollers
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com