Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90497GPMC Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part # MB90497GPMC
Description  16-bit Proprietary Microcontroller
Download  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90497GPMC Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90497GPMC Datasheet HTML 4Page - Fujitsu Component Limited. MB90497GPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB90497GPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB90497GPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90497GPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90497GPMC Datasheet HTML 9Page - Fujitsu Component Limited. MB90497GPMC Datasheet HTML 10Page - Fujitsu Component Limited. MB90497GPMC Datasheet HTML 11Page - Fujitsu Component Limited. MB90497GPMC Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 96 page
background image
MB90495G Series
8
DS07-13713-6E
■ PIN DESCRIPTION
(Continued)
Pin No.
Pin Name
Circuit
Type
Description
QFP-
64P *1
LQFP-
64P *2
21
P61
D
General-purpose I/O port
INT1
Functions as external interrupt input pin. Set this to input port.
32
P62
D
General-purpose I/O port
INT2
Functions as external interrupt input pin. Set this to input port.
4 to 11 3 to 10
P50 to P57
E
General-purpose I/O port
AN0 to
AN7
Functions as analog input port of A/D converter. This is enabled if analog
input configuration is permitted.
12
11
AVCC
VCC power input pin of A/D converter.
13
12
AVR
Reference voltage (
+) input pin for the A/D converter.This voltage must
not exceed VCC and AVCC. Reference voltage (
−) is fixed to AVSS.
14
13
AVSS
VSS power input pin of A/D converter.
15
14
P60
D
General-purpose I/O port
INT0
Functions as external interrupt input pin. Set this to input port.
16
15
X0A
A
Low-speed oscillation pin.
Perform pull-down processing if not connected to an oscillator.
17
16
X1A
A
Low-speed oscillation pin.
Set to open if not connected to an oscillator.
18
17
P63
D
General-purpose I/O port
INT3
Functions as external interrupt input pin. Set this to input port.
19
18
MD0
C
Input pin for specifying operation mode.
20
19
RST
B
External reset input pin.
21
20
MD1
C
Input pin for specifying operation mode.
22
21
MD2
F
Input pin for specifying operation mode.
23
22
X0
A
High-speed oscillation pin.
24
23
X1
A
High-speed oscillation pin.
25
24
VSS
Power supply (0 V) input pin.
26 to
33
25 to
32
P00 to P07
D
General-purpose I/O port
Only enabled in single-chip mode.
AD00 to
AD07
I/O pin for the lower 8-bit of the external address data bus.
Only enabled during external bus mode.
34 to
37
33 to
36
P10 to P13
D
General-purpose I/O port. Only enabled in single-chip mode.
IN0 to IN3
Functions as trigger input pin for input capture channels ch.0 to ch.3. Set
this to input port.
AD08 to
AD11
I/O pin for upper 4-bit of external address data bus.
Only enabled during external bus mode.


Similar Part No. - MB90497GPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90497GPF FUJITSU-MB90497GPF Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90497GPF FUJITSU-MB90497GPF Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
MB90497GPFM FUJITSU-MB90497GPFM Datasheet
856Kb / 92P
   16-bit Proprietary Microcontroller
MB90497GPFM FUJITSU-MB90497GPFM Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90497GPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com