Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F462A Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90F462A
Description  16-bit Proprietary Microcontroller
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F462A Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90F462A Datasheet HTML 7Page - Fujitsu Component Limited. MB90F462A Datasheet HTML 8Page - Fujitsu Component Limited. MB90F462A Datasheet HTML 9Page - Fujitsu Component Limited. MB90F462A Datasheet HTML 10Page - Fujitsu Component Limited. MB90F462A Datasheet HTML 11Page - Fujitsu Component Limited. MB90F462A Datasheet HTML 12Page - Fujitsu Component Limited. MB90F462A Datasheet HTML 13Page - Fujitsu Component Limited. MB90F462A Datasheet HTML 14Page - Fujitsu Component Limited. MB90F462A Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
MB90460/465 Series
DS07-13714-2E
11
(Continued)
Pin No.
Pin
name
I/O
circuit
Function
QFP*2
LQFP*1 SDIP*3
63
62
6
P42
F
General-purpose I/O ports.
SCK0
Serial clock I/O pin for UART channel 0. This function is enabled
when UART channel 0 enables clock output.
64
63
7
P43
F
General-purpose I/O ports.
SNI0*4
Trigger input pins for position detection of the waveform se-
quencer. When this pin is used for input operation, it is enabled
as required and must not be used for any other I/P.*4
1648
P44
F
General-purpose I/O ports.
SNI1*4
Trigger input pins for position detection of the Multi-pulse gener-
ator. When this pin is used for input operation, it is enabled as
required and must not be used for any other I/P.*4
21
9
P45
F
General-purpose I/O ports.
SNI2*4
Trigger input pins for position detection of the Multi-pulse gener-
ator. When this pin is used for input operation, it is enabled as
required and must not be used for any other I/P.*4
32
10
P46
F
General-purpose I/O ports.
PPG2
Output pins for PPG channel 2. This function is enabled when
PPG channel 2 enables output.
4 to 11
3 to 10
11 to
18
P50 to
P57
I
General-purpose I/O ports.
AN0 to
AN7
A/D converter analog input pins. This function is enabled when
the analog input specification is enabled. (ADER) .
12
11
19
AVCC
VCC power input pin for analog circuits.
13
12
20
AVR
Reference voltage (
+) input pin for the A/D converter. This volt-
age must not exceed VCC and AVCC. Reference voltage (
−) is
fixed to AVSS.
14
13
21
AVSS
VSS power input pin for analog circuits.
15
14
22
P60
F
General-purpose I/O ports.
SIN1
Serial data input pin for UART channel 1. While UART channel
1 is operating for input, the input of this pin is used as required
and must not be used for any other in-put.
16
15
23
P61
F
General-purpose I/O ports.
SOT1
Serial data output pin for UART channel 1. This function is en-
abled when UART channel 1 enables data output.


Similar Part No. - MB90F462A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F462A FUJITSU-MB90F462A Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
MB90F462AP-SH FUJITSU-MB90F462AP-SH Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
MB90F462APF FUJITSU-MB90F462APF Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
MB90F462APMC FUJITSU-MB90F462APMC Datasheet
2Mb / 88P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F462A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com