Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90V550A Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB90V550A
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V550A Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90V550A Datasheet HTML 5Page - Fujitsu Component Limited. MB90V550A Datasheet HTML 6Page - Fujitsu Component Limited. MB90V550A Datasheet HTML 7Page - Fujitsu Component Limited. MB90V550A Datasheet HTML 8Page - Fujitsu Component Limited. MB90V550A Datasheet HTML 9Page - Fujitsu Component Limited. MB90V550A Datasheet HTML 10Page - Fujitsu Component Limited. MB90V550A Datasheet HTML 11Page - Fujitsu Component Limited. MB90V550A Datasheet HTML 12Page - Fujitsu Component Limited. MB90V550A Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
MB90550A/550B Series
DS07-13706-6E
9
(Continued)
Pin no.
Pin name
Circuit type
Function
QFP
LQFP
22
20
P44
F
(CMOS/H)
General-purpose I/O port.
Serves as an open-drain output port (OD44 = 1) depending on
the setting of the open-drain control setting register (ODR4).
(D44 = 0: Disabled when the port is set for input.)
SOT1
Extended I/O serial data output pin.
This function is enabled with the extended I/O serial data output
enabled.
24
22
P45
F
(CMOS/H)
General-purpose I/O port.
Serves as an open-drain output port (OD45 = 1) depending on
the setting of the open-drain control setting register (ODR4).
(D45 = 0: Disabled when the port is set for input.)
SIN1
Extended I/O serial data input pin.
Since this input is used as required while the extended I/O serial
interface is operating for input, the output by any other function
must be off unless used intentionally.
25
23
P46
F
(CMOS/H)
General-purpose I/O port.
Serves as an open-drain output port (OD46 = 1) depending on
the setting of the open-drain control setting register (ODR4).
(D46 = 0: Disabled when the port is set for input.)
ADTG
A/D converter external trigger input pin.
Since this input is used as required while the A/D converter is op-
erating for input, the output by any other function must be off un-
less used intentionally.
26
24
P47
F
(CMOS/H)
General-purpose I/O port.
Serves as an open-drain output port (OD47 = 1) depending on
the setting of the open-drain control setting register (ODR4).
D47 = 0: Disabled when the port is set for input.
SCK0
Extended I/O serial clock I/O pin. This function is enabled with
the extended I/O serial clock output enabled.
27
25
C
Capacitance pin for regulating the power supply.
Connect an external ceramic capacitor of about 0.1
µF.
28
26
P50
G
(NchOD/H)
N-channel open-drain I/O port.
SDA0
I2C interface data I/O pin.
This function is enabled with the I2C interface enabled for
operation.
While the I2C interface is operating, place the port output in the
Hi-Z state (PDR = 1).
SOT0
Extended I/O serial data output pin.
This function is enabled with the extended I/O serial data output
enabled.


Similar Part No. - MB90V550A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V550A FUJITSU-MB90V550A Datasheet
695Kb / 58P
   16-bit Proprietary Microcontroller
MB90V550A FUJITSU-MB90V550A Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90V550A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com