Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90583CA Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90583CA
Description  16-bit Proprietary Microcontroller
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90583CA Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90583CA Datasheet HTML 7Page - Fujitsu Component Limited. MB90583CA Datasheet HTML 8Page - Fujitsu Component Limited. MB90583CA Datasheet HTML 9Page - Fujitsu Component Limited. MB90583CA Datasheet HTML 10Page - Fujitsu Component Limited. MB90583CA Datasheet HTML 11Page - Fujitsu Component Limited. MB90583CA Datasheet HTML 12Page - Fujitsu Component Limited. MB90583CA Datasheet HTML 13Page - Fujitsu Component Limited. MB90583CA Datasheet HTML 14Page - Fujitsu Component Limited. MB90583CA Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 112 page
background image
MB90580C Series
DS07-13710-7E
11
*1: FPT-100P-M06
*2: FPT-100P-M20
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*1
LQFP*2
21
19
P43
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD43 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D43=“0”).]
SIN1
UART1 serial data input (SIN1) pin.
When UART1 is operating for input, this input is used as required and
thus the output from any other function to the pin must be off unless
used intentionally.
22
20
P44
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD44 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D44=“0”).]
SOT1
UART1 serial data output pin (SOT1).
This pin is enabled with the UART1 serial data output enabled.
24
22
P45
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD45 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D45=“0”).]
SCK1
UART1 serial clock I/O pin (SCK1).
This pin is enabled with the UART1 clock output enabled.
25
23
P46
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD46 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D46=“0”).]
ADTG
External trigger input pin (ADTG) for the A/D converter.
26
24
P47
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD47 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D47=“0”).]
38
36
P50
G
(CMOS/H)
General-purpose I/O port.
AN0
Analog input pin (AN0) for use during A/D converter operation.
SIN3
UART3 serial data input pin (SIN3).
When UART3 is operating for input, this input is used as required and
thus the output from any other function to the pin must be off unless
used intentionally.
39
37
P51
G
(CMOS/H)
General-purpose I/O port.
AN1
Analog input pin (AN1) for use during A/D converter operation.
SOT3
UART3 serial data output pin (SOT3).
This pin is enabled with the UART3 serial data output enabled.


Similar Part No. - MB90583CA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90583CA FUJITSU-MB90583CA Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90583CA FUJITSU-MB90583CA Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
MB90583CAPF FUJITSU-MB90583CAPF Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90583CAPF FUJITSU-MB90583CAPF Datasheet
1Mb / 110P
   16-bit Proprietary Microcontroller
MB90583CAPFV FUJITSU-MB90583CAPFV Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90583CA

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com