Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90T553APF Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part # MB90T553APF
Description  16-bit Proprietary Microcontroller
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90T553APF Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90T553APF Datasheet HTML 7Page - Fujitsu Component Limited. MB90T553APF Datasheet HTML 8Page - Fujitsu Component Limited. MB90T553APF Datasheet HTML 9Page - Fujitsu Component Limited. MB90T553APF Datasheet HTML 10Page - Fujitsu Component Limited. MB90T553APF Datasheet HTML 11Page - Fujitsu Component Limited. MB90T553APF Datasheet HTML 12Page - Fujitsu Component Limited. MB90T553APF Datasheet HTML 13Page - Fujitsu Component Limited. MB90T553APF Datasheet HTML 14Page - Fujitsu Component Limited. MB90T553APF Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
MB90550A/550B Series
DS07-13706-6E
11
(Continued)
Pin no.
Pin name
Circuit type
Function
QFP
LQFP
69 to 74 67 to 72
P92 to P97
J
(CMOS/H)
General-purpose I/O ports.
PPG0 to
PPG5
PPG output pins. This function is enabled with the PPG output
enabled.
75,76
73,74
PA0,PA1
J
(CMOS/H)
General-purpose I/O ports.
OUT2,OUT3
Output compare event output pins.
78,79
76,77
PA2,PA3
J
(CMOS/H)
General-purpose I/O ports.
80
78
PA4
J
(CMOS/H)
General-purpose I/O port.
CKOT
Serves as the CKOT output while the CKOT is operating.
34
32
AVCC
A/D converter power-supply pin.
35
33
AVRH
A/D converter external reference voltage source pin.
36
34
AVRL
A/D converter external reference voltage source pin.
37
35
AVSS
A/D converter power-supply pin.
49,50
47,48
MD0,MD1
C
Operation mode setting input pins.
Connect these pins directly to Vcc or Vss.
51
49
MD2
K
Operation mode setting input pin.
Connect this pin directly to Vcc or Vss. (MB90552A/552B/553A/
553B/V550A)
C
Operation mode setting input pin.
Connect this pin directly to Vcc or Vss. (MB90P553A/F553A)
23,84
21,82
VCC
Power (5 V) input pins.
11,42,
81
9,40,
79
VSS
Power (0 V) input pins.


Similar Part No. - MB90T553APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90T553APF FUJITSU-MB90T553APF Datasheet
695Kb / 58P
   16-bit Proprietary Microcontroller
MB90T553APF FUJITSU-MB90T553APF Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90T553APF FUJITSU-MB90T553APF Datasheet
1Mb / 64P
   16-bit Proprietary Microcontroller
MB90T553APFV FUJITSU-MB90T553APFV Datasheet
695Kb / 58P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90T553APF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com