Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APX823-26W6G-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # APX823-26W6G-7
Description  PROCESSOR SUPERVISORY CIRCUITS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APX823-26W6G-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  APX823-26W6G-7 Datasheet HTML 1Page - Diodes Incorporated APX823-26W6G-7 Datasheet HTML 2Page - Diodes Incorporated APX823-26W6G-7 Datasheet HTML 3Page - Diodes Incorporated APX823-26W6G-7 Datasheet HTML 4Page - Diodes Incorporated APX823-26W6G-7 Datasheet HTML 5Page - Diodes Incorporated APX823-26W6G-7 Datasheet HTML 6Page - Diodes Incorporated APX823-26W6G-7 Datasheet HTML 7Page - Diodes Incorporated APX823-26W6G-7 Datasheet HTML 8Page - Diodes Incorporated APX823-26W6G-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
APX823/APX824/APX825A
PROCESSOR SUPERVISORY CIRCUITS
APX823/APX824/APX825A Rev. 3
2 of 12
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
APX82 XX - XX XX G - 7
Part No.
3 : APX823
4 : APX824
Voltage
46 : 4.63
44 : 4.38
40 : 4.00
31 : 3.08
29 : 2.93
26 : 2.63
23 : 2.25
5A : APX825A
Package
W5 : SOT25
W6 : SOT26
Green
Packing
G : Green
7 : Tape & Reel
Device
Package
Code
Packaging
(Note 2)
7” Tape and Reel
Quantity
Part Number Suffix
APX823-XXW5G-7
W5
SOT25
3000/Tape & Reel
-7
APX824-XXW5G-7
W5
SOT25
3000/Tape & Reel
-7
APX825A-XXW6G-7
W6
SOT26
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
SOT25
(Top View)
1
2
V
CC
APX823
2
5
3
4
RESET
GND
WDI
MR
(Top View)
1
2
V
CC
APX824
2
5
RESET
GND
SOT25
3
4
RESET
WDI
SOT26
(Top View)
1
2
V
CC
APX825A
2
6
3
4
RESET
RESET
GND
MR
5 WDI
Ordering Information
Pin Assignments


Similar Part No. - APX823-26W6G-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
APX803 DIODES-APX803 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 1 ??2
APX803-23SA DIODES-APX803-23SA Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SAG-7 DIODES-APX803-23SAG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
APX803-23SR DIODES-APX803-23SR Datasheet
113Kb / 11P
   er3-PIN MICROPROCESSOR RESET CIRCUIT
DS32132 Rev. 2 - 2
APX803-23SRG-7 DIODES-APX803-23SRG-7 Datasheet
201Kb / 10P
   3-PIN MICROPROCESSOR RESET CIRCUIT
More results

Similar Description - APX823-26W6G-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX-Q1 TI-TPS3820-XX-Q1 Datasheet
225Kb / 13P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com