Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90822B Datasheet(PDF) 2 Page - Fujitsu Component Limited.

Part # MB90822B
Description  16-bit Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90822B Datasheet(HTML) 2 Page - Fujitsu Component Limited.

  MB90822B Datasheet HTML 1Page - Fujitsu Component Limited. MB90822B Datasheet HTML 2Page - Fujitsu Component Limited. MB90822B Datasheet HTML 3Page - Fujitsu Component Limited. MB90822B Datasheet HTML 4Page - Fujitsu Component Limited. MB90822B Datasheet HTML 5Page - Fujitsu Component Limited. MB90822B Datasheet HTML 6Page - Fujitsu Component Limited. MB90822B Datasheet HTML 7Page - Fujitsu Component Limited. MB90822B Datasheet HTML 8Page - Fujitsu Component Limited. MB90822B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
MB90820B Series
2
DS07-13751-2E
(Continued)
• Enhanced high level language (C) and multi-tasking support instructions
Use of a system stack pointer
Symmetrical instruction set and barrel shift instructions
• Program patch function (for two address pointers)
• Increased execution speed : 4-byte instruction queue
• Powerful interrupt function
Up to eight priority levels programmable
External interrupt inputs : 8 channels
• Automatic data transmission function independent of CPU operation
Up to 16 channels for the extended intelligent I/O service
DTP request inputs : 8 channels
• Internal ROM
Flash memory : 64 K/128 K bytes with flash security
MASK ROM : 64 K/128 K bytes
• Internal RAM
Evaluation product : 16 K bytes
Flash memory : 4 K/8 K bytes
MASK ROM : 4 K bytes
• General-purpose ports
Up to 66 channels (ports where pull-up resistor can be configured : 32 channels)
• A/D Converter (RC) : 16 channels
8/10-bit resolution selectable
Conversion time : Min 3
µs (24 MHz operation, including sampling time)
• 8-bit D/A Converter : 2 channels
• UART : 2 channels
• 16-bit PPG timer : 3 channels
Mode switching function provided (PWM mode or one-shot mode)
ch.0 can be worked with multi-functional timer or independently
• 16-bit reload timer : 2 channels
• 16-bit PWC timer : 2 channels
• Clock supervisor
• Multi-functional timer
Input capture : 4 channels
Output compare with selectable buffer : 6 channels
Free-run timer with up or up-down mode selection and selectable buffer: 1 channel
16-bit PPG timer : 1 channel
Waveform generator : (16-bit timer : 3 channels, 3-phase waveform or dead time)
• Time-base timer/watchdog timer : 18-bit
• Low-power consumption mode :
Sleep mode
Stop mode
CPU intermittent operation mode
• Package :
LQFP-80 (FPT-80P-M21 : 0.50 mm pitch)
LQFP-80 (FPT-80P-M22 : 0.65 mm pitch)
QFP-80 (FPT-80P-M06 : 0.80 mm pitch)
•CMOS technology


Similar Part No. - MB90822B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB90822 ETC1-MB90822 Datasheet
1Mb / 98P
   16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90822 FUJITSU-MB90822 Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
logo
List of Unclassifed Man...
MB90822PF ETC1-MB90822PF Datasheet
1Mb / 98P
   16-bit Proprietary Microcontroller
logo
Fujitsu Component Limit...
MB90822PF FUJITSU-MB90822PF Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
logo
List of Unclassifed Man...
MB90822PFM ETC1-MB90822PFM Datasheet
1Mb / 98P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90822B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com