Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90352ESPMC Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part # MB90352ESPMC
Description  16-bit Microcontrollers
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90352ESPMC Datasheet(HTML) 3 Page - Fujitsu Component Limited.

  MB90352ESPMC Datasheet HTML 1Page - Fujitsu Component Limited. MB90352ESPMC Datasheet HTML 2Page - Fujitsu Component Limited. MB90352ESPMC Datasheet HTML 3Page - Fujitsu Component Limited. MB90352ESPMC Datasheet HTML 4Page - Fujitsu Component Limited. MB90352ESPMC Datasheet HTML 5Page - Fujitsu Component Limited. MB90352ESPMC Datasheet HTML 6Page - Fujitsu Component Limited. MB90352ESPMC Datasheet HTML 7Page - Fujitsu Component Limited. MB90352ESPMC Datasheet HTML 8Page - Fujitsu Component Limited. MB90352ESPMC Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 92 page
background image
MB90350E Series
DS07-13744-4E
3
• Sub clock pin (X0A, X1A)
• Yes (using the external oscillation) : devices without S-suffix
• No (using the sub clock mode at internal CR oscillation) : devices with S-suffix
• Timer
• Timebase timer, watch timer, watchdog timer : 1 channel
• 8/16-bit PPG timer : 8-bit
× 10 channels or 16-bit × 6 channels
• 16-bit reload timer : 2 channels (only Evaluation products has 4 channels)
• 16- bit input/output timer
- 16-bit free-run timer : 2 channels (FRT0 : ICU0/1, FRT1 : ICU4/5/6/7, OCU4/5/6/7)
- 16- bit input capture: (ICU) : 6 channels
- 16-bit output compare : (OCU) : 4 channels
• FULL-CAN interface : 1 channel
• Compliant with CAN standard Version2.0 Part A and Part B
• 16 message buffers are built-in
• CAN wake-up function
• LIN-UART : 2 channels
• Equipped with full-duplex double buffer
• Clock-asynchronous or clock-synchronous serial transmission is available.
• I2C interface : 1 channel
Up to 400 kbps transfer rate
• DTP/External interrupt : 8 channels, CAN wakeup : 1 channel
Module for activation of extended intelligent I/O service (EI2OS), DMA, and generation of external interrupt by
external input.
• Delay interrupt generator module
Generates interrupt request for task switching.
• 8/10-bit A/D converter : 15 channels
• Resolution is selectable between 8-bit and 10-bit.
• Activation by external trigger input is allowed.
• Conversion time : 3
µs (at 24 MHz machine clock, including sampling time)
• Address matching detection (Program patch) function
• Address matching detection for 6 address pointers.
• Capable of changing input voltage level for port
• Automotive/CMOS-Schmitt (initial level is Automotive in single chip mode)
• TTL level (corresponds to external bus pins only, initial level of these pins is TTL in external bus mode)
• Low voltage/CPU operation detection reset (devices with T-suffix)
• Detects low voltage (4.0 V
± 0.3 V) and resets automatically
• Resets automatically when program is runaway and counter is not cleared within interval time
(approx. 262 ms : external 4 MHz)
• Dual operation Flash memory (only devices 128 Kbytes Flash memory)
• Erase/write and read can be executed in the different bank (Upper Bank/Lower Bank) at the same time.
• Supported TA = + 125 °C
The maximum operating frequency is 24 MHz* : (at TA
= +125 °C) .
(Continued)


Similar Part No. - MB90352ESPMC

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90352ESPMC FUJITSU-MB90352ESPMC Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
logo
Cypress Semiconductor
MB90352ESPMC CYPRESS-MB90352ESPMC Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90352ESPMC1 FUJITSU-MB90352ESPMC1 Datasheet
899Kb / 85P
   16-bit Proprietary Microcontrollers
logo
Cypress Semiconductor
MB90352ESPMC1 CYPRESS-MB90352ESPMC1 Datasheet
3Mb / 85P
   F2MC-16LX16-bit Microcontrollers
More results

Similar Description - MB90352ESPMC

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA80C186 INNOVASIC-IA80C186 Datasheet
22Kb / 2P
   16-BIT MICROCONTROLLERS
IA188ES INNOVASIC-IA188ES Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
logo
Freescale Semiconductor...
MC9S12DJ256FS FREESCALE-MC9S12DJ256FS Datasheet
82Kb / 2P
   16-bit Microcontrollers
logo
Fujitsu Component Limit...
MB90330A_9E FUJITSU-MB90330A_9E Datasheet
429Kb / 72P
   16-bit microcontrollers
MB90335 FUJITSU-MB90335_10 Datasheet
284Kb / 48P
   16-bit microcontrollers
logo
InnovASIC, Inc
IA186EM INNOVASIC-IA186EM Datasheet
33Kb / 2P
   16-BIT MICROCONTROLLERS
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA188EBPLC84IR2 INNOVASIC-IA188EBPLC84IR2 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com