Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F828B Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90F828B
Description  16-bit Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F828B Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90F828B Datasheet HTML 1Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 2Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 3Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 4Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 5Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 6Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 7Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 8Page - Fujitsu Component Limited. MB90F828B Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MB90820B Series
4
DS07-13751-2E
(Continued)
*1 : MB90V820B is operating guaranteed temperature 0
°C to + 25 °C.
*2 : Configured by a jumper switch (TOOL VCC) when emulator (MB2147-01) is used.
Please refer to the MB2147-01 or MB2147-20 hardware manual (3.3 Emulator-dedicated Power Supply
switching) about details.
■ PACKAGE AND CORRESPONDING PRODUCTS
: Available
X : Not available
Note: For more information about each package, refer to “
■ PACKAGE DIMENSIONS”.
Part number
Item
MB90V820B
MB90F822B
MB90F823B
MB90F828B
MB90822B
MB90823B
Package
PGA-299
LQFP-80 (FPT-80P-M21 : 0.50 mm pitch)
LQFP-80 (FPT-80P-M22 : 0.65 mm pitch)
QFP-80 (FPT-80P-M06 : 0.80 mm pitch)
Power supply
voltage for
operation
4.5 V to
5.5 V*1
3.5 V to 5.5 V : Normal operation when A/D converter and
D/A converter are not used
4.0 V to 5.5 V : Normal operation when D/A converter is not
used
4.5 V to 5.5 V : Normal operation when A/D converter and
D/A converter are used
Process
CMOS
Emulator power
supply*2
Included
Package
MB90V820B
MB90F822B
MB90F823B
MB90F828B
MB90822B
MB90823B
PGA-299
X
X
X
X
X
FPT-80P-M21
X
FPT-80P-M22
X
FPT-80P-M06
X


Similar Part No. - MB90F828B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F822A FUJITSU-MB90F822A Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APF FUJITSU-MB90F822APF Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APFM FUJITSU-MB90F822APFM Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
MB90F822APFV FUJITSU-MB90F822APFV Datasheet
1Mb / 100P
   16-bit Proprietary Microcontroller
logo
List of Unclassifed Man...
MB90F822PF ETC1-MB90F822PF Datasheet
1Mb / 98P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90F828B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com