Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90F804-101PF-G Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB90F804-101PF-G
Description  16-bit Microcontroller
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90F804-101PF-G Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90F804-101PF-G Datasheet HTML 6Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 7Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 8Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 9Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 10Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 11Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 12Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 13Page - Fujitsu Component Limited. MB90F804-101PF-G Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
MB90800 Series
10
DS07-13733-6E
(Continued)
* : Refer to “
■ I/O CIRCUIT TYPE” for details on the I/O circuit types.
Pin No.
Pin Name
I/O
Circuit
Type*
Status/function
at reset
Function
49
SDA
H
Port input
(High-Z)
Data input/output pin of I2C Interface.
This pin is enabled when the I2C interface is operated.
While the I2C interface is running, the port must be set
for input use.
P74
General purpose input/output port.
(N-ch open-drain, withstand voltage of 5 V.)
SC2
Serial clock input pin of serial I/O ch.2.
Valid when serial clock output of serial I/O ch.2 is
enabled.
50
SCL
H
Clock input/output pin of I2C Interface.
This pin is enabled when the I2C interface is operated.
While the I2C interface is running, the port must be set
for input use.
P75
General purpose input/output port.
(N-ch open-drain, withstand voltage of 5 V.)
SO2
Serial data output pin of serial I/O ch.2.
Valid when serial data output of serial I/O ch.2 is
enabled.
55 to 57
V0 to V2
J
LCD drive power
supply input
LCD controller/driver.
Reference power terminals of LCD controller/driver.
P80 to P82
General purpose input/output port.
59, 60
COM0,
COM1
D
LCD COM
output
A common output terminal of the LCD controller/
driver.
61, 62
P83, P84
E
Port input
(High-Z)
General purpose input/output port.
COM2,
COM3
A common output terminal of the LCD controller/
driver.
32
AVCC
C
Power supply
A/D converter exclusive power supply input pin.
35
AVSS
C
A/D converter-exclusive GND power supply pin.
58
V3
J
LCD controller/driver
Reference power terminals of LCD controller/driver.
15, 65, 90
VCC
These are power supply input pins.
16, 44,
66, 91
VSS
GND power supply pin.


Similar Part No. - MB90F804-101PF-G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90F804-101PF-G FUJITSU-MB90F804-101PF-G Datasheet
810Kb / 88P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90F804-101PF-G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com