Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB90V495G Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB90V495G
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90V495G Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB90V495G Datasheet HTML 1Page - Fujitsu Component Limited. MB90V495G Datasheet HTML 2Page - Fujitsu Component Limited. MB90V495G Datasheet HTML 3Page - Fujitsu Component Limited. MB90V495G Datasheet HTML 4Page - Fujitsu Component Limited. MB90V495G Datasheet HTML 5Page - Fujitsu Component Limited. MB90V495G Datasheet HTML 6Page - Fujitsu Component Limited. MB90V495G Datasheet HTML 7Page - Fujitsu Component Limited. MB90V495G Datasheet HTML 8Page - Fujitsu Component Limited. MB90V495G Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
MB90895 Series
4
DS07-13731-5E
(Continued)
*1 : Settings of DIP switch S2 for using emulation pod MB2145-507. For details, see MB2145-507 Hardware Manual
(2.7 Power Pin solely for Emulator).
*2 : MB90F897S/YS
■ PACKAGES AND PRODUCT MODELS
: Yes,
× : No
Note : Refer to “
PACKAGE DIMENSION” for details of the package.
Part number
Parameter
MB90F897
MB90F897S
MB90F897Y (Under development)
MB90F897YS (Under development)
MB90V495G
DTP/External interrupt
Number of inputs: 4
Activated by rising edge, falling edge, “H” level or “L” level input.
External interrupt or extended intelligent I/O service (EI2OS) is available.
8/10-bit A/D converter
Number of channels: 8
Resolution: Selectable 10-bit or 8-bit.
Conversion time: 6.125
μs (at 16-MHz machine clock, including sampling time)
Sequential conversion of two or more successive channels is allowed. (Setting
a maximum of 8 channels is allowed.)
Single conversion mode
: Selected channel is converted only once.
Sequential conversion mode: Selected channel is converted repetitively.
Halt conversion mode
: Conversion of selected channel is stopped and
activated alternately.
UART0 (SCI)
Number of channels: 1
Clock-synchronous transfer: 62.5 kbps to 2 Mbps
Clock-asynchronous transfer: 1,202 bps to 62,500 bps
Communication is allowed by bi-directional serial communication function and
master/slave type connection.
UART1 (SCI)
Number of channels: 1
Clock-synchronous transfer: 62.5 kbps to 2 Mbps
Clock-asynchronous transfer: 9,615 bps to 500 kbps
Communication is allowed by bi-directional serial communication function and
master/slave type connection.
CAN
Complied with Ver 2.0A and Ver 2.0B CAN specifications.
8 built-in message buffers.
Transmission rate of 10 kbps to 1 Mbps (by 16 MHz machine clock)
CAN wake-up
Package
MB90F897/S/Y/YS
FPT-48P-M26


Similar Part No. - MB90V495G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90V495G FUJITSU-MB90V495G Datasheet
746Kb / 78P
   16-bit Proprietary Microcontroller
MB90V495G FUJITSU-MB90V495G Datasheet
680Kb / 78P
   16-bit Proprietary Microcontroller
MB90V495G FUJITSU-MB90V495G Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller
MB90V495G FUJITSU-MB90V495G Datasheet
690Kb / 82P
   16-bit Proprietary Microcontroller CMOS
MB90V495G FUJITSU-MB90V495G Datasheet
803Kb / 92P
   16-bit Proprietary Microcontroller CMOS
More results

Similar Description - MB90V495G

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com