Electronic Components Datasheet Search |
|
MB90V495G Datasheet(PDF) 11 Page - Fujitsu Component Limited. |
|
MB90V495G Datasheet(HTML) 11 Page - Fujitsu Component Limited. |
11 / 52 page MB90895 Series DS07-13731-5E 11 ■ HANDLING DEVICES • Do Not Exceed Maximum Rating (preventing “latch up”) • Latch-up may occur in a CMOS IC if a voltage higher than VCC or less than VSS is applied to an input or output pin or if a voltage exceeding the rated value is applied between VCC pin and VSS pins. • Latch-up causes drastic increase of power current, which may lead to destruction of elements by heat. Extreme caution must be taken not to exceed maximum rating. • When turning on and off analog power supply, take extra care not to apply an analog power voltages (AVcc and AVR) and analog input voltage that are higher than digital power voltage (Vcc). • Handling Unused Pins • Leaving unused input pins open may cause permanent destruction by malfunction or latch-up. Apply pull-up or pull-down process to the unused pins using resistors of 2 k Ω or higher. Leave unused I/O pins open under output status, or process as input pins if they are under input status. • Using External Clock • When using an external clock, drive only X0 pin and leave X1 pin open. An example of using an external clock is shown below. • Notes When Using No Sub Clock on MB90F897/Y • If an oscillator is not connected to X0A and X1A pins, apply pull-down resistor to the X0A pin and leave the X1A pin open. • About Power Supply Pins • If two or more Vcc and Vss exist, the pins that should be at the same potential are connected to each other inside the device. For reducing unwanted emissions and preventing malfunction of strobe signals caused by increase of ground level, however, be sure to connect the Vcc and Vss pins to the power supply and the ground externally. • Pay attention to connect a power supply to Vcc and Vss pins of MB90895 series device in a lowest-possible impedance. • Near pins of MB90895 series device, connecting a bypass capacitor is recommended at 0.1 μF across Vcc and Vss pins. • Crystal Oscillator Circuit • Noises around X0 and X1 pins cause malfunctions on a MB90895 series device. Design a print circuit so that X0 and X1 pins, an crystal oscillator (or a ceramic oscillator), and bypass capacitor to the ground become as close as possible to each other. Furthermore, avoid wires to X0 and X1 pins crossing each other as much as possible. • Print circuit designing that surrounds X0 and X1 pins with grounding wires, which ensures stable operation, is strongly recommended. X1 X0 Open MB90895 series • Using external clock |
Similar Part No. - MB90V495G |
|
Similar Description - MB90V495G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |