Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95FV100D-101 Datasheet(PDF) 6 Page - Fujitsu Component Limited.

Part # MB95FV100D-101
Description  8-bit Microcontroller
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95FV100D-101 Datasheet(HTML) 6 Page - Fujitsu Component Limited.

Back Button MB95FV100D-101 Datasheet HTML 2Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 3Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 4Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 5Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 6Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 7Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 8Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 9Page - Fujitsu Component Limited. MB95FV100D-101 Datasheet HTML 10Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
MB95160 Series
6
DS07-12618-2E
■ DIFFERENCES AMONG PRODUCTS AND NOTES ON SELECTING PRODUCTS
• Notes on Using Evaluation Products
The evaluation product has not only the functions of the MB95160 series but also those of other products to
support software development for multiple series and models of the F2MC-8FX family. The I/O addresses for
peripheral resources not used by the MB95160 series are therefore access-barred. Read/write access to these
access-barred addresses may cause peripheral resources supposed to be unused to operate, resulting in
unexpected malfunctions of hardware or software.
Particularly, do not use word access to odd numbered byte address in the prohibited areas (If these access are
used, the address may be read or written unexpectedly).
Also, as the read values of prohibited addresses on the evaluation product are different to the values on the
Flash memory products and Mask ROM products, do not use these values in the program.
The functions corresponding to certain bits in single-byte registers may not be supported on some Flash memory
products and Mask ROM products. However, reading or writing to these bits will not cause malfunction of the
hardware. Also, as the evaluation, Flash memory products and Mask ROM products are designed to have
identical software operation, no particular precautions are required.
• Difference of Memory Spaces
If the amount of memory on the evaluation product is different from that of the Flash memory products and Mask
ROM products, carefully check the difference in the amount of memory from the model to be actually used when
developing software.
For details of memory space, refer to “
■ CPU CORE”.
• Current Consumption
For details of current consumption, refer to “
■ ELECTRICAL CHARACTERISTICS”.
• Package
For details of information on each package, refer to “
■ PACKAGES AND CORRESPONDING PRODUCTS”
and “
■ PACKAGE DIMENSIONS”.
• Operating voltage
The operating voltage is different among the evaluation, Flash memory products and Mask ROM products.
For details of operating voltage, refer to “
■ ELECTRICAL CHARACTERISTICS”
• Difference MOD pins
A pull-down resistor is provided for the MOD pin of the Mask ROM product.


Similar Part No. - MB95FV100D-101

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB95FV100D-101 FUJITSU-MB95FV100D-101 Datasheet
549Kb / 59P
   8-bit Proprietary Microcontrollers
MB95FV100D-101 FUJITSU-MB95FV100D-101 Datasheet
801Kb / 66P
   8-bit Proprietary Microcontrollers
MB95FV100D-101 FUJITSU-MB95FV100D-101 Datasheet
776Kb / 67P
   8-bit Proprietary Microcontrollers
MB95FV100D-101 FUJITSU-MB95FV100D-101 Datasheet
824Kb / 69P
   8-bit Proprietary Microcontrollers
MB95FV100D-101PBT FUJITSU-MB95FV100D-101PBT Datasheet
549Kb / 59P
   8-bit Proprietary Microcontrollers
More results

Similar Description - MB95FV100D-101

ManufacturerPart #DatasheetDescription
logo
Winbond
W78E54B WINBOND-W78E54B Datasheet
168Kb / 21P
   8-BIT MICROCONTROLLER
logo
ELAN Microelectronics C...
EM78P870 EMC-EM78P870 Datasheet
313Kb / 48P
   8 BIT MICROCONTROLLER
logo
Texas Instruments
TMS370CXCX TI-TMS370CXCX Datasheet
860Kb / 63P
[Old version datasheet]   8-BIT MICROCONTROLLER
logo
Winbond
W78C52D WINBOND-W78C52D Datasheet
255Kb / 18P
   8-BIT MICROCONTROLLER
W78L54 WINBOND-W78L54 Datasheet
20Kb / 2P
   8-BIT MICROCONTROLLER
logo
AMIC Technology
A8032 AMICC-A8032 Datasheet
267Kb / 12P
   8 Bit Microcontroller
logo
NXP Semiconductors
PCF84C12A PHILIPS-PCF84C12A Datasheet
89Kb / 16P
   8-bit microcontroller
1998 May 11
logo
Holtek Semiconductor In...
HT48C50- HOLTEK-HT48C50- Datasheet
295Kb / 45P
   8-Bit Microcontroller
HT48CA0 HOLTEK-HT48CA0 Datasheet
699Kb / 36P
   8-bit Microcontroller
logo
List of Unclassifed Man...
W78ERD2 ETC2-W78ERD2 Datasheet
1Mb / 76P
   8-BIT MICROCONTROLLER
W77E516A ETC2-W77E516A Datasheet
1Mb / 92P
   8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com