Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F433K Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # MB95F433K
Description  8-bit Microcontrollers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F433K Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB95F433K Datasheet HTML 6Page - Fujitsu Component Limited. MB95F433K Datasheet HTML 7Page - Fujitsu Component Limited. MB95F433K Datasheet HTML 8Page - Fujitsu Component Limited. MB95F433K Datasheet HTML 9Page - Fujitsu Component Limited. MB95F433K Datasheet HTML 10Page - Fujitsu Component Limited. MB95F433K Datasheet HTML 11Page - Fujitsu Component Limited. MB95F433K Datasheet HTML 12Page - Fujitsu Component Limited. MB95F433K Datasheet HTML 13Page - Fujitsu Component Limited. MB95F433K Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
MB95430H Series
10
DS07–12xxx–1E
(Continued)
*1: Package code: FPT-32P-M30
*2: Package code: DIP-32P-M06
*3: For the I/O circuit types, see “
■ I/O CIRCUIT TYPE”.
Pin no.
Pin name
I/O
circuit
type*3
Function
LQFP32*1 SH-DIP32*2
21
25
P74
I
General-purpose I/O port
CMP1_P
Comparator ch. 1 positive input pin
AN10
A/D converter analog input pin
22
26
P75
I
General-purpose I/O port
CMP1_N
Comparator ch. 1 negative input pin
AN11
A/D converter analog input pin
23
27
P76
D
General-purpose I/O port
CMP2_O
Comparator ch. 2 output pin
UCK
UART/SIO clock I/O pin
24
28
P63
I
General-purpose I/O port
CMP2_P
Comparator ch. 2 positive input pin
AN12
A/D converter analog input pin
25
29
P64
I
General-purpose I/O port
CMP2_N
Comparator ch. 2 negative input pin
AN13
A/D converter analog input pin
26
30
P65
L
General-purpose I/O port
CMP3_O
Comparator ch. 3 output pin
UO
UART/SIO data output pin
SDA
I2C data I/O pin
27
31
P66
I
General-purpose I/O port
CMP3_P
Comparator ch. 3 positive input pin
AN14
A/D converter analog input pin
28
32
P67
I
General-purpose I/O port
CMP3_N
Comparator ch. 3 negative input pin
AN15
A/D converter analog input pin
29
1
PF2
A
General-purpose I/O port
RST
Reset pin
Dedicated reset pin in MB95F432H/F433H/F434H
30
2
PF0
B
General-purpose I/O port
X0
Main clock I/O oscillation pin
31
3
PF1
B
General-purpose I/O port
X1
Main clock I/O oscillation pin
32
4
VSS
Power supply pin (GND)


Similar Part No. - MB95F433K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F414HPMC-G-SNE2 CYPRESS-MB95F414HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F414KPMC-G-SNE2 CYPRESS-MB95F414KPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F416HPMC-G-SNE2 CYPRESS-MB95F416HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F416KPMC-G-SNE2 CYPRESS-MB95F416KPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F418HPMC-G-SNE2 CYPRESS-MB95F418HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
More results

Similar Description - MB95F433K

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com