Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB95F434K Datasheet(PDF) 4 Page - Fujitsu Component Limited.

Part # MB95F434K
Description  8-bit Microcontrollers
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB95F434K Datasheet(HTML) 4 Page - Fujitsu Component Limited.

  MB95F434K Datasheet HTML 1Page - Fujitsu Component Limited. MB95F434K Datasheet HTML 2Page - Fujitsu Component Limited. MB95F434K Datasheet HTML 3Page - Fujitsu Component Limited. MB95F434K Datasheet HTML 4Page - Fujitsu Component Limited. MB95F434K Datasheet HTML 5Page - Fujitsu Component Limited. MB95F434K Datasheet HTML 6Page - Fujitsu Component Limited. MB95F434K Datasheet HTML 7Page - Fujitsu Component Limited. MB95F434K Datasheet HTML 8Page - Fujitsu Component Limited. MB95F434K Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
MB95430H Series
4
DS07–12xxx–1E
(Continued)
Part number
Parameter
MB95F432H
MB95F433H
MB95F434H
MB95F432K
MB95F433K
MB95F434K
I2C
1 channel
Master/slave transmission and receiving
It has a bus error function, an arbitration function, a transmission direction detection function
and a wake-up function.
It also has functions of generating and detecting repeated START conditions.
16-bit PPG
PWM mode and single-shot mode are available to use.
Ch. 0 can work with the multi-functional timer or individually.
Output
compare
1 channel of 16-bit free-running timer with a compare buffer
2 channels of 16-bit output compare
Voltage
comparator
4 channels
OPAMP
This is an operational amplifier used in an induction heater. It contains 7 software (registers)
select close loop gain selections for ground current sensing according to different sense
resistor values. The OPAMP can also work as a standalone OPAMP.
It selects closed loop gain for ground current sensing according to different sense resistor
values of a standalone OPAMP.
Watch
prescaler
Eight different time intervals can be selected.
Flash memory
It supports automatic programming, Embedded Algorithm, and write/erase/erase-suspend/
erase-resume commands.
It has a flag indicating the completion of the operation of Embedded Algorithm.
Number of write/erase cycles: 100000
Data retention time: 20 years
Flash security feature for protecting the content of the Flash memory
Standby mode Sleep mode, stop mode, watch mode, time-base timer mode
Package
FPT-32P-M30
DIP-32P-M06


Similar Part No. - MB95F434K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB95F414HPMC-G-SNE2 CYPRESS-MB95F414HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F414KPMC-G-SNE2 CYPRESS-MB95F414KPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F416HPMC-G-SNE2 CYPRESS-MB95F416HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F416KPMC-G-SNE2 CYPRESS-MB95F416KPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
MB95F418HPMC-G-SNE2 CYPRESS-MB95F418HPMC-G-SNE2 Datasheet
2Mb / 85P
   New 8FX 8-bit Microcontrollers
More results

Similar Description - MB95F434K

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
1509381 ATMEL-1509381 Datasheet
2Mb / 9P
   8-bit Microcontrollers
logo
Motorola, Inc
MC68HC11A8TS MOTOROLA-MC68HC11A8TS Datasheet
286Kb / 45P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC68HC11EA9 FREESCALE-MC68HC11EA9 Datasheet
1Mb / 58P
   8-Bit Microcontrollers
logo
ELAN Microelectronics C...
EM78P5840N EMC-EM78P5840N Datasheet
807Kb / 68P
   8-Bit Microcontrollers
logo
Freescale Semiconductor...
MC9RS08KA2FS FREESCALE-MC9RS08KA2FS Datasheet
185Kb / 2P
   8-bit Microcontrollers
logo
NXP Semiconductors
MC908JL16 NXP-MC908JL16 Datasheet
681Kb / 2P
   8-bit Microcontrollers
REV 0
P83C524 PHILIPS-P83C524 Datasheet
400Kb / 76P
   8-bit microcontrollers
1997 Dec 15
logo
Freescale Semiconductor...
MC9RS08KA84FS FREESCALE-MC9RS08KA84FS Datasheet
200Kb / 2P
   8-bit Microcontrollers
logo
Fujitsu Component Limit...
MB95F562H FUJITSU-MB95F562H Datasheet
609Kb / 84P
   8-bit Microcontrollers
MB95130MB FUJITSU-MB95130MB Datasheet
790Kb / 64P
   8-bit Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com