Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB96F345 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # MB96F345
Description  16-bit Proprietary Microcontroller
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB96F345 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB96F345 Datasheet HTML 1Page - Fujitsu Component Limited. MB96F345 Datasheet HTML 2Page - Fujitsu Component Limited. MB96F345 Datasheet HTML 3Page - Fujitsu Component Limited. MB96F345 Datasheet HTML 4Page - Fujitsu Component Limited. MB96F345 Datasheet HTML 5Page - Fujitsu Component Limited. MB96F345 Datasheet HTML 6Page - Fujitsu Component Limited. MB96F345 Datasheet HTML 7Page - Fujitsu Component Limited. MB96F345 Datasheet HTML 8Page - Fujitsu Component Limited. MB96F345 Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 130 page
background image
MB96340 Series
FME-MB96340 rev 10
5
I/O Ports
Virtually all external pins can be used as general purpose I/O
All push-pull outputs (except when used as I2C SDA/SCL line)
Bit-wise programmable as input/output or peripheral signal
Bit-wise programmable input enable
Bit-wise programmable input levels: Automotive / CMOS-Schmitt trigger / TTL (TTL
levels not supported by all devices)
Bit-wise programmable pull-up resistor
Bit-wise programmable output driving strength for EMI optimization
Packages
100-pin plastic QFP and LQFP
Flash Memory
Supports automatic programming, Embedded Algorithm
Write/Erase/Erase-Suspend/Resume commands
A flag indicating completion of the algorithm
Number of erase cycles: 10,000 times
Data retention time: 20 years
Erase can be performed on each sector individually
Sector protection
Flash Security feature to protect the content of the Flash
Low voltage detection during Flash erase
Feature
Description


Similar Part No. - MB96F345

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB96F345DSAPMC-GSE2 CYPRESS-MB96F345DSAPMC-GSE2 Datasheet
1Mb / 109P
   8-byte instruction execution queue
MB96F345DSAPQC-GSE2 CYPRESS-MB96F345DSAPQC-GSE2 Datasheet
1Mb / 109P
   8-byte instruction execution queue
MB96F345DWAPMC-GSE2 CYPRESS-MB96F345DWAPMC-GSE2 Datasheet
1Mb / 109P
   8-byte instruction execution queue
MB96F345DWAPQC-GSE2 CYPRESS-MB96F345DWAPQC-GSE2 Datasheet
1Mb / 109P
   8-byte instruction execution queue
MB96F345FSAPMC-GSE2 CYPRESS-MB96F345FSAPMC-GSE2 Datasheet
1Mb / 109P
   8-byte instruction execution queue
More results

Similar Description - MB96F345

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com