Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT245RQ-6000 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT245RQ-6000
Description  USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT245RQ-6000 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT245RQ-6000 Datasheet HTML 3Page - Future Technology Devices International Ltd. FT245RQ-6000 Datasheet HTML 4Page - Future Technology Devices International Ltd. FT245RQ-6000 Datasheet HTML 5Page - Future Technology Devices International Ltd. FT245RQ-6000 Datasheet HTML 6Page - Future Technology Devices International Ltd. FT245RQ-6000 Datasheet HTML 7Page - Future Technology Devices International Ltd. FT245RQ-6000 Datasheet HTML 8Page - Future Technology Devices International Ltd. FT245RQ-6000 Datasheet HTML 9Page - Future Technology Devices International Ltd. FT245RQ-6000 Datasheet HTML 10Page - Future Technology Devices International Ltd. FT245RQ-6000 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Copyright © 2010 Future Technology Devices International Limited
7
Document No.: FT_000052
FT245R USB FIFO IC Datasheet Version 2.10
Clearance No.: FTDI# 39
3 Device Pin Out and Signal Description
3.1 28-LD SSOP Package
Figure 3.1 SSOP Package Pin Out and Schematic Symbol
3.2 SSOP Package Pin Out Description
Note: The convention used throughout this document for active low signals is the signal name followed by
a #
Pin No.
Name
Type
Description
15
USBDP
I/O
USB Data Signal Plus, incorporating internal series resistor and 1.5kΩ pull up
resistor to 3.3V.
16
USBDM
I/O
USB Data Signal Minus, incorporating internal series resistor.
Table 3.1 USB Interface Group
FT245RL
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
25
7
18
21
26
3V3OUT
VCCIO
4
17
NC
RESET#
NC
24
19
8
D0
D1
D2
D3
D4
D5
D6
D7
1
5
3
11
2
9
10
6
RXF#
WR
RD#
TXE#
23
22
13
14
20
16
15
USBDP
USBDM
VCC
OSCI
27
OSCO
28
PWREN#
12
USBDP
USBDM
3V3OUT
GND
RESET#
VCC
GND
NC
AGND
TEST
OSCI
OSCO
TXE#
RXF#
D0
D2
D1
D4
VCCIO
D7
GND
NC
D5
D6
D3
PWREN#
RD#
WR
1
14
15
28


Similar Part No. - FT245RQ-6000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FT245RQ-REEL ETC2-FT245RQ-REEL Datasheet
778Kb / 37P
   Future Technology Devices International Ltd. FT245R USB FIFO IC
More results

Similar Description - FT245RQ-6000

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT8U245AM FTDI-FT8U245AM Datasheet
46Kb / 15P
   USB FIFO - Fast Parallel Data Transfer IC
logo
List of Unclassifed Man...
DLP-USB1 ETC1-DLP-USB1 Datasheet
63Kb / 6P
   USB to FIFO Parallel Interface Module
logo
Future Technology Devic...
FT245BL FTDI-FT245BL Datasheet
538Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BQ FTDI-FT245BQ Datasheet
555Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT245BM FTDI-FT245BM Datasheet
550Kb / 24P
   USB FIFO ( USB - Parallel ) I.C.
FT232R FTDI-FT232R_10 Datasheet
774Kb / 43P
   USB UART IC - Single chip USB to asynchronous serial data transfer interface
FT245RL-REEL FTDI-FT245RL-REEL Datasheet
778Kb / 37P
   FT245R USB FIFO IC
logo
List of Unclassifed Man...
FT245BL ETC-FT245BL Datasheet
505Kb / 24P
   FT245BL USB FIFO ( USB - Parallel ) I.C.
logo
Future Technology Devic...
FT240XS-R FTDI-FT240XS-R Datasheet
754Kb / 40P
   USB 8-BIT FIFO IC
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
   Single chip USB to asynchronous serial data transfer interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com